Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPD4EUSB30 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4EUSB30
Descripción Electrónicos  2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4EUSB30 Datasheet(HTML) 1 Page - Texas Instruments

  TPD4EUSB30 Datasheet HTML 1Page - Texas Instruments TPD4EUSB30 Datasheet HTML 2Page - Texas Instruments TPD4EUSB30 Datasheet HTML 3Page - Texas Instruments TPD4EUSB30 Datasheet HTML 4Page - Texas Instruments TPD4EUSB30 Datasheet HTML 5Page - Texas Instruments TPD4EUSB30 Datasheet HTML 6Page - Texas Instruments TPD4EUSB30 Datasheet HTML 7Page - Texas Instruments TPD4EUSB30 Datasheet HTML 8Page - Texas Instruments TPD4EUSB30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
D+
3
1
2
D–
GND
10
N.C.
D1+
1
9
N.C.
D1
–
2
8
GND
GND
3
7
N.C.
D2+
4
6
N.C.
D2
–
5
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
www.ti.com
SLVSAC2A – AUGUST 2010 – REVISED DECEMBER 2010
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0
INTERFACE
Check for Samples: TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
1
FEATURES
DRT PACKAGE
•
Single and Dual-Pair Differential Lines to
(TOP VIEW)
Protect the Differential Data and Clock Lines of
the USB3.0, eSATA, or LVD Interface
•
Flow-Through Pin Mapping for the High-Speed
Lines Ensures near Zero Additional Skew Due
to Board Layout While Placing Protection Chip
Near the Connector
DQA PACKAGE
•
Supports Data Rates in Excess of 6 Gbps
(TOP VIEW)
•
ESD Protection Meets or Exceeds
IEC61000-4-2 (Level 4)
•
Low Capacitance 0.05pF (IO to IO)
•
1
Ω Dynamic Resistance
•
5-A Peak Pulse Current (per 8/20 ms Pulse)
•
Industrial Temperature Range: –40°C to 85°C
•
Space-Saving DRT, DQA Packages
APPLICATIONS
•
Notebooks
•
Set-Top Boxes
•
DVD Players
•
Media Players
•
Portable Computers
DESCRIPTION/ORDERING INFORMATION
The TPD2EUSB30, TPD2EUSB30A, and TPD4EUSB30 provide 2 and 4 channel ESD and surge protection
solutions in space saving, flow-through packages. These devices have been designed to protect sensitive
components which are connected to ultra high-speed data and transmission lines. These devices also offer 5 A
(8/20 ms) peak pulse current ratings per IEC 61000-4-5 (lightning) specification.
The monolithic silicon technology allows matching between the differential signal pairs. The differential 0.05-pF
capacitance ensures that the signal distortion due to added ESD clamp remains minimal at high-speed
differential data transmission.
The TPD2EUSB30A offers low 4.5V dc break-down voltage. The low capacitance and break-down voltage,
coupled low dynamic resistance, make the TPD2EUSB30A a superior ESD/ surge protection device for
high-speed differential IOs based off ultra-low voltage process nodes.
The TPD2EUSB30 and TPD2EUSB30A are offered in space saving DRT (1 mm × 1 mm) package. The
TPD4EUSB30 is offered in space saving DQA (1 mm × 2.5 mm) package. These devices are characterized for
operation over ambient air temperature range of –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPD4EUSB30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4EUSB30 TI-TPD4EUSB30 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4EUSB30 TI2-TPD4EUSB30 Datasheet
2Mb / 28P
TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
REVISED JUNE 2021
TPD4EUSB30DQAR TI-TPD4EUSB30DQAR Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4EUSB30DQAR TI2-TPD4EUSB30DQAR Datasheet
2Mb / 28P
TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
REVISED JUNE 2021
logo
TECH PUBLIC Electronics...
TPD4EUSB30DQAR-TP TECHPUBLIC-TPD4EUSB30DQAR-TP Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
More results

Descripción similar - TPD4EUSB30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
logo
First Silicon Co., Ltd
FPD1E10B09DPYR FS-FPD1E10B09DPYR Datasheet
680Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com