Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KIA2596FP/PI50 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

No. de pieza KIA2596FP/PI50
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA2596FP/PI50 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA2596FP/PI50 Datasheet HTML 1Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 2Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 3Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 4Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 5Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2006. 7. 6
2/6
KIA2596FP/PI00 ~ KIA2596FP/PI12
Revision No : 2
APPLICATION CIRCUIT
VIN
CIN
680
µF
VIN = 12V
VIN = 12V
L1
33uH
GND
ON/OFF
FB
Output
KIA2596FP33
D1
SMAB33
D1
SMAB33
VOUT = 3.3V/3A
VOUT = 3.3V/3A
CO
220
µF
VIN
L1
33
µH
GND
FB
R1
R2
Output
KIA2596FP00
CO
4
1
2
3
5
4
1
2
3
5
ON/OFF
220
µF
CIN
680
µF
[ON/OFF control function]
GND : Output ON
High : Output OFF
[ON/OFF control function]
GND : Output ON
High : Output OFF
VOUT = VFB (1 +
)
R1
R2
VFB = 1.23V
R2 = 1kΩ∼3kΩ
R1 < 1kΩ
CONNECTION (TOPVIEW)
1 - Input
4 - Feed Back
3 - Ground
2 - Output
5 - ON/OFF
1 - Input
4 - Feed Back
3 - Ground
2 - Output
5 - ON/OFF
(1) Fixed Type Circuit
(2) Adjustable Type Circuit
D2PAK-5 package
TO-220IS-5 package



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com