Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KIA2596FP/PI50 Datasheet(PDF) 5 Page - KEC(Korea Electronics)

No. de pieza KIA2596FP/PI50
Descripción Electrónicos  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA2596FP/PI50 Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA2596FP/PI50 Datasheet HTML 1Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 2Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 3Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 4Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 5Page - KEC(Korea Electronics) KIA2596FP/PI50 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2006. 7. 6
5/6
KIA2596FP/PI00 ~ KIA2596FP/PI12
Revision No : 2
4
3
1
0
2
5
MINIMUM OPERATING VOLTAGE
025
75
50
-25
-50
100
125
JUNCTION TEMPERATURE ( )
C
VOUT = 1.23V
ILOAD = 120mA
OPERATING QUIESCENT CURRENT
20
12
0
4
16
8
24
025
75
50
-25
-50
100
125
JUNCTION TEMPERATURE ( )
C
5V < VIN < 40V
ISWITCH = 0
Switch ON
Switch OFF
SHUTDOWN QUIESCENT CURRENT
400
200
0
50
300
100
500
030
10
20
40
SUPPLY VOLTAGE (V)
VON/OFF = 5V
Tj = 25 C
Tj = -40 AND 125 C
C
2.0
1.5
0.5
0
1.0
2.5
025
75
50
-25
-50
100
125
025
75
50
-25
-50
100
125
JUNCTION TEMPERATURE ( )
C
ON
OFF
ON/OFF THRESHOLD VOLTAGE
7
6
4
3
2
1
0
5
8
10
15
20
5
025
ON/OFF PIN CURRENT (SINKING)
ON/OFF PIN VOLTAGE (V)
VIN=40V
-40
Tj 125
C
C
150
50
0
100
200
JUNCTION TEMPERATURE ( )
C
SWITCHING FREQUENCY



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com