Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 206 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 206 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 202Page - Microsemi Corporation AFS600 Datasheet HTML 203Page - Microsemi Corporation AFS600 Datasheet HTML 204Page - Microsemi Corporation AFS600 Datasheet HTML 205Page - Microsemi Corporation AFS600 Datasheet HTML 206Page - Microsemi Corporation AFS600 Datasheet HTML 207Page - Microsemi Corporation AFS600 Datasheet HTML 208Page - Microsemi Corporation AFS600 Datasheet HTML 209Page - Microsemi Corporation AFS600 Datasheet HTML 210Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 334 page
background image
Device Architecture
2- 19 0
R e v isio n 2
Timing Characteristics
Table 2-120 • 1.8 V LVCMOS Low Slew
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = 1.7 V
Applicable to Pro I/Os
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
2 mA
Std.
0.66
15.84 0.04
1.45
1.91
0.43
15.65 15.84 2.78
1.58
17.89 18.07
ns
–1
0.56
13.47 0.04
1.23
1.62
0.36
13.31 13.47 2.37
1.35
15.22 15.37
ns
–2
0.49
11.83 0.03
1.08
1.42
0.32
11.69 11.83 2.08
1.18
13.36 13.50
ns
4 mA
Std.
0.66
11.39 0.04
1.45
1.91
0.43
11.60 10.76 3.26
2.77
13.84 12.99
ns
–1
0.56
9.69
0.04
1.23
1.62
0.36
9.87
9.15
2.77
2.36
11.77 11.05
ns
–2
0.49
8.51
0.03
1.08
1.42
0.32
8.66
8.03
2.43
2.07
10.33 9.70
ns
8 mA
Std.
0.66
8.97
0.04
1.45
1.91
0.43
9.14
8.10
3.57
3.36
11.37 10.33
ns
–1
0.56
7.63
0.04
1.23
1.62
0.36
7.77
6.89
3.04
2.86
9.67
8.79
ns
–2
0.49
6.70
0.03
1.08
1.42
0.32
6.82
6.05
2.66
2.51
8.49
7.72
ns
12 mA
Std.
0.66
8.35
0.04
1.45
1.91
0.43
8.50
7.59
3.64
3.52
10.74 9.82
ns
–1
0.56
7.10
0.04
1.23
1.62
0.36
7.23
6.45
3.10
3.00
9.14
8.35
ns
–2
0.49
6.24
0.03
1.08
1.42
0.32
6.35
5.66
2.72
2.63
8.02
7.33
ns
16 mA
Std.
0.66
7.94
0.04
1.45
1.91
0.43
8.09
7.56
3.74
4.11
10.32 9.80
ns
–1
0.56
6.75
0.04
1.23
1.62
0.36
6.88
6.43
3.18
3.49
8.78
8.33
ns
–2
0.49
5.93
0.03
1.08
1.42
0.32
6.04
5.65
2.79
3.07
7.71
7.32
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com