Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 207 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 207 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 203Page - Microsemi Corporation AFS600 Datasheet HTML 204Page - Microsemi Corporation AFS600 Datasheet HTML 205Page - Microsemi Corporation AFS600 Datasheet HTML 206Page - Microsemi Corporation AFS600 Datasheet HTML 207Page - Microsemi Corporation AFS600 Datasheet HTML 208Page - Microsemi Corporation AFS600 Datasheet HTML 209Page - Microsemi Corporation AFS600 Datasheet HTML 210Page - Microsemi Corporation AFS600 Datasheet HTML 211Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 191
Table 2-121 • 1.8 V LVCMOS High Slew
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = 1.7 V
Applicable to Pro I/Os
Drive
Strength
Speed
Grade tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
2 mA
Std.
0.66
12.10
0.04
1.45
1.91
0.43
9.59
12.10
2.78
1.64
11.83 14.34
ns
–1
0.56
10.30
0.04
1.23
1.62
0.36
8.16
10.30
2.37
1.39
10.06 12.20
ns
–2
0.49
9.04
0.03
1.08
1.42
0.32
7.16
9.04
2.08
1.22
8.83
10.71
ns
4 mA
Std.
0.66
7.05
0.04
1.45
1.91
0.43
6.20
7.05
3.25
2.86
8.44
9.29
ns
–1
0.56
6.00
0.04
1.23
1.62
0.36
5.28
6.00
2.76
2.44
7.18
7.90
ns
–2
0.49
5.27
0.03
1.08
1.42
0.32
4.63
5.27
2.43
2.14
6.30
6.94
ns
8 mA
Std.
0.66
4.52
0.04
1.45
1.91
0.43
4.47
4.52
3.57
3.47
6.70
6.76
ns
–1
0.56
3.85
0.04
1.23
1.62
0.36
3.80
3.85
3.04
2.95
5.70
5.75
ns
–2
0.49
3.38
0.03
1.08
1.42
0.32
3.33
3.38
2.66
2.59
5.00
5.05
ns
12 mA
Std.
0.66
4.12
0.04
1.45
1.91
0.43
4.20
3.99
3.63
3.62
6.43
6.23
ns
–1
0.56
3.51
0.04
1.23
1.62
0.36
3.57
3.40
3.09
3.08
5.47
5.30
ns
–2
0.49
3.08
0.03
1.08
1.42
0.32
3.14
2.98
2.71
2.71
4.81
4.65
ns
16 mA
Std.
0.66
3.80
0.04
1.45
1.91
0.43
3.87
3.09
3.73
4.24
6.10
5.32
ns
–1
0.56
3.23
0.04
1.23
1.62
0.36
3.29
2.63
3.18
3.60
5.19
4.53
ns
–2
0.49
2.83
0.03
1.08
1.42
0.32
2.89
2.31
2.79
3.16
4.56
3.98
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com