Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 252 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 252 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 248Page - Microsemi Corporation AFS600 Datasheet HTML 249Page - Microsemi Corporation AFS600 Datasheet HTML 250Page - Microsemi Corporation AFS600 Datasheet HTML 251Page - Microsemi Corporation AFS600 Datasheet HTML 252Page - Microsemi Corporation AFS600 Datasheet HTML 253Page - Microsemi Corporation AFS600 Datasheet HTML 254Page - Microsemi Corporation AFS600 Datasheet HTML 255Page - Microsemi Corporation AFS600 Datasheet HTML 256Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 334 page
background image
DC and Power Characteristics
3- 2
R e v ision 2
AV, AC
Unpowered,
ADC
reset
asserted
or
unconfigured
–11.0 to 12.6
–11.0 to 12.0
V
Analog input (+16 V to +2 V prescaler range)
–0.4 to 12.6
–0.4 to 12.0
V
Analog input (+1 V to +0.125 V prescaler
range)
–0.4 to 3.75
–0.4 to 3.75
V
Analog input (–16 V to –2 V prescaler range)
–11.0 to 0.4
–11.0 to 0.4
V
Analog input (–1 V to –0.125 V prescaler
range)
–3.75 to 0.4
–3.75 to 0.4
V
Analog input (direct input to ADC)
–0.4 to 3.75
–0.4 to 3.75
V
Digital input
–0.4 to 12.6
–0.4 to 12.0
V
AG
Unpowered,
ADC
reset
asserted
or
unconfigured
–11.0 to 12.6
–11.0 to 12.0
V
Low Current Mode (1 µA, 3 µA, 10 µA, 30 µA)
–0.4 to 12.6
–0.4 to 12.0
V
Low Current Mode (–1 µA, –3 µA, –10 µA, –30
µA)
–11.0 to 0.4
–11.0 to 0.4
V
High Current Mode 3
–11.0 to 12.6
–11.0 to 12.0
V
AT
Unpowered,
ADC
reset
asserted
or
unconfigured
–0.4 to 16.0
–0.4 to 15.0
V
Analog input (+16 V, 4 V prescaler range)
–0.4 to 16.0
–0.4 to 15.0
V
Analog input (direct input to ADC)
–0.4 to 3.75
–0.4 to 3.75
V
Digital input
–0.4 to 16.0
–0.4 to 15.0
V
TSTG 4
Storage temperature
–65 to +150
°C
TJ 4
Junction temperature
+125
°C
Table 3-1 • Absolute Maximum Ratings (continued)
Symbol
Parameter
Commercial
Industrial
Units
Notes:
1. The device should be operated within the limits specified by the datasheet. During transitions, the input signal may
undershoot or overshoot according to the limits shown in Table 3-4 on page 3-4.
2. Analog data not valid beyond 3.65 V.
3. The high current mode has a maximum power limit of 20 mW. Appropriate current limit resistors must be used, based on
voltage on the pad.
4. For flash programming and retention maximum limits, refer to Table 3-5 on page 3-5. For recommended operating limits
refer to Table 3-2 on page 3-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com