Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 253 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 253 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 249Page - Microsemi Corporation AFS600 Datasheet HTML 250Page - Microsemi Corporation AFS600 Datasheet HTML 251Page - Microsemi Corporation AFS600 Datasheet HTML 252Page - Microsemi Corporation AFS600 Datasheet HTML 253Page - Microsemi Corporation AFS600 Datasheet HTML 254Page - Microsemi Corporation AFS600 Datasheet HTML 255Page - Microsemi Corporation AFS600 Datasheet HTML 256Page - Microsemi Corporation AFS600 Datasheet HTML 257Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
3 -3
Table 3-2 • Recommended Operating Conditions
Symbol
Parameter
Commercial
Industrial
Units
TJ
Junction temperature
0 to +85
–40 to +100
°C
VCC
1.5 V DC core supply voltage
1.425 to 1.575
1.425 to 1.575
V
VJTAG
JTAG DC voltage
1.4 to 3.6
1.4 to 3.6
V
VPUMP
Programming voltage
Programming mode
3.15 to 3.45
3.15 to 3.45
V
Operation3
0 to 3.6
0 to 3.6
V
VCCPLL
Analog power supply (PLL)
1.425 to 1.575
1.425 to 1.575
V
VCCI
1.5 V DC supply voltage
1.425 to 1.575
1.425 to 1.575
V
1.8 V DC supply voltage
1.7 to 1.9
1.7 to 1.9
V
2.5 V DC supply voltage
2.3 to 2.7
2.3 to 2.7
V
3.3 V DC supply voltage
3.0 to 3.6
3.0 to 3.6
V
LVDS differential I/O
2.375 to 2.625
2.375 to 2.625
V
LVPECL differential I/O
3.0 to 3.6
3.0 to 3.6
V
VCC33A
+3.3 V power supply
2.97 to 3.63
2.97 to 3.63
V
VCC33PMP +3.3 V power supply
2.97 to 3.63
2.97 to 3.63
V
VAREF
Voltage reference for ADC
2.527 to 2.593
2.527 to 2.593
V
VCC15A 6
Digital power supply for the analog system
1.425 to 1.575
1.425 to 1.575
V
VCCNVM
Embedded flash power supply
1.425 to 1.575
1.425 to 1.575
V
VCCOSC
Oscillator power supply
2.97 to 3.63
2.97 to 3.63
V
AV, AC 4
Unpowered, ADC reset asserted or unconfigured
–10.5 to 12.0
–10.5 to 11.6
V
Analog input (+16 V to +2 V prescaler range)
–0.3 to 12.0
–0.3 to 11.6
V
Analog input (+1 V to + 0.125 V prescaler range)
–0.3 to 3.6
–0.3 to 3.6
V
Analog input (–16 V to –2 V prescaler range)
–10.5 to 0.3
–10.5 to 0.3
V
Analog input (–1 V to –0.125 V prescaler range)
–3.6 to 0.3
–3.6 to 0.3
V
Analog input (direct input to ADC)
–0.3 to 3.6
–0.3 to 3.6
V
Digital input
–0.3 to 12.0
–0.3 to 11.6
V
AG 4
Unpowered, ADC reset asserted or unconfigured
–10.5 to 12.0
–10.5 to 11.6
V
Low Current Mode (1 µA, 3 µA, 10 µA, 30 µA)
–0.3 to 12.0
–0.3 to 11.6
V
Low Current Mode (–1 µA, –3 µA, –10 µA, –30 µA)
–10.5 to 0.3
–10.5 to 0.3
V
High Current Mode 5
–10.5 to 12.0
–10.5 to 11.6
V
AT 4
Unpowered, ADC reset asserted or unconfigured
–0.3 to 15.5
–0.3 to 14.5
V
Analog input (+16 V, +4 V prescaler range)
–0.3 to 15.5
–0.3 to 14.5
V
Analog input (direct input to ADC)
–0.3 to 3.6
–0.3 to 3.6
V
Digital input
–0.3 to 15.5
–0.3 to 14.5
V
Notes:
1. The ranges given here are for power supplies only. The recommended input voltage ranges specific to each I/O
standard are given in Table 2-85 on page 2-159.
2. All parameters representing voltages are measured with respect to GND unless otherwise specified.
3. VPUMP can be left floating during normal operation (not programming mode).
4. The input voltage may overshoot by up to 500 mV above the Recommended Maximum (150 mV in Direct mode),
provided the duration of the overshoot is less than 50% of the operating lifetime of the device.
5. The AG pad should also conform to the limits as specified in Table 2-48 on page 2-116.
6. Violating the VCC15A recommended voltage supply during an embedded flash program cycle can corrupt the page being
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com