Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 317 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 317 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 313Page - Microsemi Corporation AFS600 Datasheet HTML 314Page - Microsemi Corporation AFS600 Datasheet HTML 315Page - Microsemi Corporation AFS600 Datasheet HTML 316Page - Microsemi Corporation AFS600 Datasheet HTML 317Page - Microsemi Corporation AFS600 Datasheet HTML 318Page - Microsemi Corporation AFS600 Datasheet HTML 319Page - Microsemi Corporation AFS600 Datasheet HTML 320Page - Microsemi Corporation AFS600 Datasheet HTML 321Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 334 page
background image
R e visio n 2
5 -1
5 – Datasheet Information
List of Changes
The following table lists critical changes that were made in each revision of the Fusion datasheet.
Revision
Changes
Page
Revision 2
(March 2012)
The phrase "without debug" was removed from the "Soft ARM Cortex-M1 Fusion
Devices (M1)" section (SAR 21390).
I
The "In-System Programming (ISP) and Security" section, "Security" section, "Flash
Advantages" section, and "Security" section were revised to clarify that although no
existing security measures can give an absolute guarantee, Microsemi FPGAs
implement the best security available in the industry (SAR 34721).
I, 1-2,
2-229
The Y security option and Licensed DPA Logo was added to the "Product Ordering
Codes" section. The trademarked Licensed DPA Logo identifies that a product is
covered by a DPA counter-measures license from Cryptography Research (SAR
32151).
III
The "Specifying I/O States During Programming" section is new (SAR 34693).
1-8
The following information was added before Figure 2-17 • XTLOSC Macro:
In the case where the Crystal Oscillator block is not used, the XTAL1 pin should be
connected to GND and the XTAL2 pin should be left floating (SAR 24119).
2-21
Table 2-12 • Fusion CCC/PLL Specification was updated. A note was added
indicating that when the CCC/PLL core is generated by Microsemi core generator
software, not all delay values of the specified delay increments are available (SAR
34814).
2-30
A note was added to Figure 2-27 • Real-Time Counter System (not all the signals are
shown for the AB macro) stating that the user is only required to instantiate the
VRPSM macro if the user wishes to specify PUPO behavior of the voltage regulator
to be different from the default, or employ user logic to shut the voltage regulator off
(SAR 21773).
2-33
VPUMP was incorrectly represented as VPP in several places. This was corrected to
VPUMP in the "Standby and Sleep Mode Circuit Implementation" section and
Table 3-8 • AFS1500 Quiescent Supply Current Characteristics through Table 3-11 •
AFS090 Quiescent Supply Current Characteristics (21963).
2-34, 3-10
Additional information was added to the Flash Memory Block "Write Operation"
section, including an explanation of the fact that a copy-page operation takes no less
than 55 cycles (SAR 26338).
2-47
The "FlashROM" section was revised to refer to Figure 2-46 • FlashROM Timing
Diagram and Table 2-26 • FlashROM Access Time rather than stating 20 MHz as the
maximum FlashROM access clock and 10 ns as the time interval for D0 to become
valid or invalid (SAR 22105).
2-56, 2-57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com