Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 321 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 321 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 317Page - Microsemi Corporation AFS600 Datasheet HTML 318Page - Microsemi Corporation AFS600 Datasheet HTML 319Page - Microsemi Corporation AFS600 Datasheet HTML 320Page - Microsemi Corporation AFS600 Datasheet HTML 321Page - Microsemi Corporation AFS600 Datasheet HTML 322Page - Microsemi Corporation AFS600 Datasheet HTML 323Page - Microsemi Corporation AFS600 Datasheet HTML 324Page - Microsemi Corporation AFS600 Datasheet HTML 325Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
5 -5
v2.0, Revision 1
(July 2009)
In the "128-Bit AES Decryption" section, FIPS-192 was incorrect and changed to
FIPS-197.
2-230
The note in Table 2-84 • Fusion Standard and Advanced I/O Attributes vs. I/O
Standard Applications was updated.
2-158
For 1.5 V LVCMOS, the VIL and VIH parameters, 0.30 * VCCI was changed to 0.35 *
VCCI and 0.70 * VCCI was changed to 0.65 * VCCI in Table 2-86 • Summary of
Maximum and Minimum DC Input and Output Levels Applicable to Commercial and
Industrial Conditions, Table 2-87 • Summary of Maximum and Minimum DC Input
and Output Levels Applicable to Commercial and Industrial Conditions, and
Table 2-88 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions.
In Table 2-87 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions, the VIH max column was
updated.
2-166 to
2-167
Table 2-89 • Summary of Maximum and Minimum DC Input Levels Applicable to
Commercial and Industrial Conditions was updated to include notes 3 and 4. The
temperature ranges were also updated in notes 1 and 2.
2-167
The titles in Table 2-92 • Summary of I/O Timing Characteristics – Software Default
Settings to Table 2-94 • Summary of I/O Timing Characteristics – Software Default
Settings were updated to "VCCI = I/O Standard Dependent."
2-169 to
2-170
Below Table 2-98 • I/O Short Currents IOSH/IOSL, the paragraph was updated to
change 110°C to 100°C and three months was changed to six months.
2-174
Table 2-99 • Short Current Event Duration before Failure was updated to remove
110°C data.
2-176
In Table 2-101 • I/O Input Rise Time, Fall Time, and Related I/O Reliability,
LVTTL/LVCMOS rows were changed from 110°C to 100°C.
2-176
VCC33PMP was added to Table 3-1 • Absolute Maximum Ratings. In addition,
conditions for AV, AC, AG, and AT were also updated.
3-1
VCC33PMP was added to Table 3-2 • Recommended Operating Conditions. In
addition, conditions for AV, AC, AG, and AT were also updated.
3-3
Table 3-5 • FPGA Programming, Storage, and Operating Limits was updated to
include new data and the temperature ranges were changed. The notes were
removed from the table.
3-5
Table 3-6 • Package Thermal Resistance was updated to include new data.
3-7
In EQ 4 to EQ 6, the junction temperature was changed from 110°C to 100°C.
3-8 to 3-8
Table 3-8 • AFS1500 Quiescent Supply Current Characteristics through Table 3-11 •
AFS090 Quiescent Supply Current Characteristics are new and have replaced the
Quiescent Supply Current Characteristics (IDDQ) table.
3-10 to
3-16
In Table 3-14 • Different Components Contributing to the Dynamic Power
Consumption in Fusion Devices, the power supply for PAC9 and PAC10 were
changed from VMV/VCC to VCCI.
3-22
In Table 3-15 • Different Components Contributing to the Static Power Consumption
in Fusion Devices, the power supply for PDC7 and PDC8 were changed from
VMV/VCC to VCCI. PDC1 was updated from TBD to 18.
3-23
The "QN108" table was updated to remove the duplicates of pins B12 and B34.
4-2
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com