Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 169 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 169 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 165Page - Microsemi Corporation AFS600 Datasheet HTML 166Page - Microsemi Corporation AFS600 Datasheet HTML 167Page - Microsemi Corporation AFS600 Datasheet HTML 168Page - Microsemi Corporation AFS600 Datasheet HTML 169Page - Microsemi Corporation AFS600 Datasheet HTML 170Page - Microsemi Corporation AFS600 Datasheet HTML 171Page - Microsemi Corporation AFS600 Datasheet HTML 172Page - Microsemi Corporation AFS600 Datasheet HTML 173Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 153
Weak Pull-Up and Weak Pull-Down Resistors
Fusion devices support optional weak pull-up and pull-down resistors for each I/O pin. When the I/O is
pulled up, it is connected to the VCCI of its corresponding I/O bank. When it is pulled down, it is
connected to GND. Refer to Table 2-97 on page 2-173 for more information.
Slew Rate Control and Drive Strength
Fusion devices support output slew rate control: high and low. The high slew rate option is recommended
to minimize the propagation delay. This high-speed option may introduce noise into the system if
appropriate signal integrity measures are not adopted. Selecting a low slew rate reduces this kind of
noise but adds some delays in the system. Low slew rate is recommended when bus transients are
expected. Drive strength should also be selected according to the design requirements and noise
immunity of the system.
The output slew rate and multiple drive strength controls are available in LVTTL/LVCMOS 3.3 V,
LVCMOS 2.5 V, LVCMOS 2.5 V / 5.0 V input, LVCMOS 1.8 V, and LVCMOS 1.5 V. All other I/O
standards have a high output slew rate by default.
For Fusion slew rate and drive strength specifications, refer to the appropriate I/O bank table:
•
Fusion Standard I/O (Table 2-78 on page 2-154)
•
Fusion Advanced I/O (Table 2-79 on page 2-154)
•
Fusion Pro I/O (Table 2-80 on page 2-154)
Table 2-83 on page 2-157 lists the default values for the above selectable I/O attributes as well as those
that are preset for each I/O standard.
Figure 2-110 • Timing Diagram (with skew circuit selected)
EN (b1)
EN (b2)
Transmitter 1: ON
ENABLE (t2)
Transmitter 2: ON
Transmitter 2: OFF
ENABLE (t1)
Result: No Bus Contention
Transmitter 1: OFF
Transmitter 1: OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com