Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 173 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 173 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 169Page - Microsemi Corporation AFS600 Datasheet HTML 170Page - Microsemi Corporation AFS600 Datasheet HTML 171Page - Microsemi Corporation AFS600 Datasheet HTML 172Page - Microsemi Corporation AFS600 Datasheet HTML 173Page - Microsemi Corporation AFS600 Datasheet HTML 174Page - Microsemi Corporation AFS600 Datasheet HTML 175Page - Microsemi Corporation AFS600 Datasheet HTML 176Page - Microsemi Corporation AFS600 Datasheet HTML 177Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 157
Table 2-83 • Fusion Pro I/O Supported Standards and Corresponding VREF and VTT Voltages
I/O Standard
Input/Output Supply
Voltage (VCCI_TYP)
Input Reference Voltage
(VREF_TYP)
Board Termination Voltage
(VTT_TYP)
LVTTL/LVCMOS 3.3 V
3.30 V
–
–
LVCMOS 2.5 V
2.50 V
–
–
LVCMOS 2.5 V / 5.0 V
Input
2.50 V
–
–
LVCMOS 1.8 V
1.80 V
–
–
LVCMOS 1.5 V
1.50 V
–
–
PCI 3.3 V
3.30 V
–
–
PCI-X 3.3 V
3.30 V
–
–
GTL+ 3.3 V
3.30 V
1.00 V
1.50 V
GTL+ 2.5 V
2.50 V
1.00 V
1.50 V
GTL 3.3 V
3.30 V
0.80 V
1.20 V
GTL 2.5 V
2.50 V
0.80 V
1.20 V
HSTL Class I
1.50 V
0.75 V
0.75 V
HSTL Class II
1.50 V
0.75 V
0.75 V
SSTL3 Class I
3.30 V
1.50 V
1.50 V
SSTL3 Class II
3.30 V
1.50 V
1.50 V
SSTL2 Class I
2.50 V
1.25 V
1.25 V
SSTL2 Class II
2.50 V
1.25 V
1.25 V
LVDS, BLVDS, M-LVDS
2.50 V
–
–
LVPECL
3.30 V
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com