Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 194 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 194 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 190Page - Microsemi Corporation AFS600 Datasheet HTML 191Page - Microsemi Corporation AFS600 Datasheet HTML 192Page - Microsemi Corporation AFS600 Datasheet HTML 193Page - Microsemi Corporation AFS600 Datasheet HTML 194Page - Microsemi Corporation AFS600 Datasheet HTML 195Page - Microsemi Corporation AFS600 Datasheet HTML 196Page - Microsemi Corporation AFS600 Datasheet HTML 197Page - Microsemi Corporation AFS600 Datasheet HTML 198Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 334 page
background image
Device Architecture
2- 17 8
R e v isio n 2
Timing Characteristics
Table 2-103 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ.) (V)
CLOAD (pF)
03.3
1.4
–
35
Note:
*Measuring point = Vtrip. See Table 2-90 on page 2-168 for a complete table of trip points.
Table 2-104 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = 3.0 V
Applicable to Pro I/Os
Drive
Strength
Spee
d
Grade tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
4 mA
Std.
0.66
11.01
0.04
1.20
1.57
0.43
11.21
9.05
2.69
2.44
13.45 11.29
ns
–1
0.56
9.36
0.04
1.02
1.33
0.36
9.54
7.70
2.29
2.08
11.44
9.60
ns
–2
0.49
8.22
0.03
0.90
1.17
0.32
8.37
6.76
2.01
1.82
10.04
8.43
ns
8 mA
Std.
0.66
7.86
0.04
1.20
1.57
0.43
8.01
6.44
3.04
3.06
10.24
8.68
ns
–1
0.56
6.69
0.04
1.02
1.33
0.36
6.81
5.48
2.58
2.61
8.71
7.38
ns
–2
0.49
5.87
0.03
0.90
1.17
0.32
5.98
4.81
2.27
2.29
7.65
6.48
ns
12 mA
Std.
0.66
6.03
0.04
1.20
1.57
0.43
6.14
5.02
3.28
3.47
8.37
7.26
ns
–1
0.56
5.13
0.04
1.02
1.33
0.36
5.22
4.27
2.79
2.95
7.12
6.17
ns
–2
0.49
4.50
0.03
0.90
1.17
0.32
4.58
3.75
2.45
2.59
6.25
5.42
ns
16 mA
Std.
0.66
5.62
0.04
1.20
1.57
0.43
5.72
4.72
3.32
3.58
7.96
6.96
ns
–1
0.56
4.78
0.04
1.02
1.33
0.36
4.87
4.02
2.83
3.04
6.77
5.92
ns
–2
0.49
4.20
0.03
0.90
1.17
0.32
4.27
3.53
2.48
2.67
5.94
5.20
ns
24 mA
Std.
0.66
5.24
0.04
1.20
1.57
0.43
5.34
4.69
3.39
3.96
7.58
6.93
ns
–1
0.56
4.46
0.04
1.02
1.33
0.36
4.54
3.99
2.88
3.37
6.44
5.89
ns
–2
0.49
3.92
0.03
0.90
1.17
0.32
3.99
3.50
2.53
2.96
5.66
5.17
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com