Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 195 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 195 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 191Page - Microsemi Corporation AFS600 Datasheet HTML 192Page - Microsemi Corporation AFS600 Datasheet HTML 193Page - Microsemi Corporation AFS600 Datasheet HTML 194Page - Microsemi Corporation AFS600 Datasheet HTML 195Page - Microsemi Corporation AFS600 Datasheet HTML 196Page - Microsemi Corporation AFS600 Datasheet HTML 197Page - Microsemi Corporation AFS600 Datasheet HTML 198Page - Microsemi Corporation AFS600 Datasheet HTML 199Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 179
Table 2-105 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = 3.0 V
Applicable to Pro I/Os
Drive
Strength
Speed
Grade tDOUT
tDP
tDIN
tPY
tPYS
tEOU
T
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
4 mA
Std.
0.66
7.88
0.04
1.20
1.57
0.43
8.03
6.70
2.69
2.59
10.26
8.94
ns
–1
0.56
6.71
0.04
1.02
1.33
0.36
6.83
5.70
2.29
2.20
8.73
7.60
ns
–2
0.49
5.89
0.03
0.90
1.17
0.32
6.00
5.01
2.01
1.93
7.67
6.67
ns
8 mA
Std.
0.66
5.08
0.04
1.20
1.57
0.43
5.17
4.14
3.05
3.21
7.41
6.38
ns
–1
0.56
4.32
0.04
1.02
1.33
0.36
4.40
3.52
2.59
2.73
6.30
5.43
ns
–2
0.49
3.79
0.03
0.90
1.17
0.32
3.86
3.09
2.28
2.40
5.53
4.76
ns
12 mA
Std.
0.66
3.67
0.04
1.20
1.57
0.43
3.74
2.87
3.28
3.61
5.97
5.11
ns
–1
0.56
3.12
0.04
1.02
1.33
0.36
3.18
2.44
2.79
3.07
5.08
4.34
ns
–2
0.49
2.74
0.03
0.90
1.17
0.32
2.79
2.14
2.45
2.70
4.46
3.81
ns
16 mA
Std.
0.66
3.46
0.04
1.20
1.57
0.43
3.53
2.61
3.33
3.72
5.76
4.84
ns
–1
0.56
2.95
0.04
1.02
1.33
0.36
3.00
2.22
2.83
3.17
4.90
4.12
ns
–2
0.49
2.59
0.03
0.90
1.17
0.32
2.63
1.95
2.49
2.78
4.30
3.62
ns
24 mA
Std.
0.66
3.21
0.04
1.20
1.57
0.43
3.27
2.16
3.39
4.13
5.50
4.39
ns
–1
0.56
2.73
0.04
1.02
1.33
0.36
2.78
1.83
2.88
3.51
4.68
3.74
ns
–2
0.49
2.39
0.03
0.90
1.17
0.32
2.44
1.61
2.53
3.08
4.11
3.28
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com