Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLF1MB-C Datasheet(PDF) 5 Page - PANDUIT CORP.

No. de pieza PLF1MB-C
Descripción Electrónicos  Material & Color Availability Chart
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLF1MB-C Datasheet(HTML) 5 Page - PANDUIT CORP.

  PLF1MB-C Datasheet HTML 1Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 2Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 3Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 4Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 5Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 6Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 7Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 8Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Part Number System for Super‐Grip® Cable Ties 
SG
200
S
C
Type
Size
Cross Section
Package Size
Material / Color
SG = Locking Tie
Approx.
Length
(mm)
M
I
S
LH
H
= Miniature
= Intermediate
= Standard
= Light-Heavy
= Heavy
L
C
TL
M
= 50
= 100
= 250
= 1000
See below
Material and Color Chart
Material
Color
Panduit
Suffix
Nylon 6.6
Natural
Weather Resistant Nylon 6.6
Black
0
Heat Stabilized Nylon 6.6
Black
30
Denotes Panduit Natural Nylon 6.6 (no suffix).
Part Number Availability List
Standard Packaging
Bulk Packaging
Part Number
Natural
Nylon 6.6
Material/Color Suffix
Part Number
Natural
Nylon 6.6
Material/Color Suffix
SG100M-C
0
SG100M-M
0
SG150I-C
0
SG150I-M
0
SG200S-C
0
SG200S-M
0, 30
SG250S-C
0
SG300S-C
0
SG300S-M
0, 30
SG370S-C
0
SG370S-M
0
SG350LH-L
0
SG350LH-TL
0, 30
SG450H-L
0
SG450H-C
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com