Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLF1MB-C Datasheet(PDF) 10 Page - PANDUIT CORP.

No. de pieza PLF1MB-C
Descripción Electrónicos  Material & Color Availability Chart
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLF1MB-C Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button PLF1MB-C Datasheet HTML 3Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 4Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 5Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 6Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 7Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 8Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 9Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 10Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 11Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Part Number System for Specialty Cable Ties 
PLST
4
H
S25
TL
300
Type
Size
Cross Section
Stud Size
Package Size
Material/
Color
CM4S
PLB
PL3B
DHC
PLST
PRST
SSB
SSPM
= Cable Marker Strap
= Locking Bow Tie
= Triple Loop Tie
= Double Hose Clamp
= Locking Stud Mounted Tie
= Releasable Stud Mount Ladder Style
= Sta-Strap® Bow-Ty™ Tie
= Sta-Strap® Panel Mount
Approx.
Maximum
Bundle
Dia. (In)
S
H
EH
= Standard
= Heavy
= Extra-Heavy
─S25
─SC
─S14
= M6
= 5mm
= 5mm
L
C
TL
D
M
= 50
= 100
= 250
= 500
= 1000
See below
Material and Color Chart
Material
Color
Panduit
Suffix
Material
Color
Panduit
Suffix
Nylon 6.6
Natural
Heat Stabilized Nylon 6.6
Black
30
Weather Resistant Nylon 6.6
Black
0
Heat Stabilized Weather
Nylon 6.6
Red
2
Resistant Nylon 6.6
Black
300
Nylon 6.6
Gray
8
Denotes Panduit Natural Nylon 6.6 (no suffix).
Part Number Availability List
Standard Packaging
Bulk Packaging
Part Number
Natural
Nylon 6.6
Material/Color Suffix
Part Number
Natural
Nylon 6.6
Material/Color Suffix
CM4S-L
2, 8
DHC1.12X1.75-D
0
PLB2S-C
0
PLB2S-M
0, 30
PLB3S-C
0
PLB3S-M
0, 30
PLB4S-C
PLB4S-M
0, 30, 39
PLB4H-TL
0, 30, 39
PLB5EH-C
0
PL3B5EH-C
0
PLST4HS25-TL
300
PLST30SC-D
30
PLST50SC-D
30
PRST30S-S14-M
30
PRST40SC-D
30
SSB2S-C
SSB2S-M
0, 30
SSPM2.5H-L
300
SSPM2.5H-TL
300
SSPM2.5HP-L
300
SSPM2.5HP-TL
300
SSPM4H-L
300
SSPM4H-TL
300
SSPM4HP-L
300
SSPM4HP-TL
300
SSPM4HLP-TL
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com