Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH00962A Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

No. de pieza 98ASH00962A
Descripción Electrónicos  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 98ASH00962A Datasheet HTML 26Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 27Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 28Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 29Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 30Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 31Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 32Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 33Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
1. This is a high current drive pin when operated as output.
2. This is a true open-drain pin when operated as output.
Note
When an alternative function is first enabled, it is possible to
get a spurious edge to the module. User software must clear any
associated flags before interrupts are enabled. The table above
illustrates the priority if multiple modules are enabled. The
highest priority module will have control over the pin. Selecting
a higher priority pin function with a lower priority function
already enabled can cause spurious edges to the lower priority
module. Disable all modules that share a pin before enabling
another module.
Pinout
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
30
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35