Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH00962A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza 98ASH00962A
Descripción Electrónicos  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  98ASH00962A Datasheet HTML 1Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 2Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 3Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 4Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 5Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 6Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 7Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 8Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Ordering parts
1.1 Determining valid orderable parts
Valid orderable part numbers are provided on the web. To determine the orderable part
numbers for this device, go to www.freescale.com and perform a part number search for
the following device numbers: PA60 and PA32.
Part identification
2.1 Description
Part numbers for the chip have fields that identify the specific part. You can use the
values of these fields to determine the specific part you have received.
2.2 Format
Part numbers for this device have the following format:
MC 9 S08 PA AA B CC
2.3 Fields
This table lists the possible values for each field in the part number (not all combinations
are valid):
Field
Description
Values
MC
Qualification status
• MC = fully qualified, general market flow
9
Memory
S08
Core
• S08 = 8-bit CPU
PA
Device family
• PA
AA
Approximate flash size in KB
• 60 = 60 KB
• 32 = 32 KB
B
Temperature range (°C)
• V = –40 to 105
Table continues on the next page...
1
2
Ordering parts
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
4
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35