Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CXD3011R-1 Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXD3011R-1
Descripción Electrónicos  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3011R-1 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD3011R-1 Datasheet HTML 4Page - Sony Corporation CXD3011R-1 Datasheet HTML 5Page - Sony Corporation CXD3011R-1 Datasheet HTML 6Page - Sony Corporation CXD3011R-1 Datasheet HTML 7Page - Sony Corporation CXD3011R-1 Datasheet HTML 8Page - Sony Corporation CXD3011R-1 Datasheet HTML 9Page - Sony Corporation CXD3011R-1 Datasheet HTML 10Page - Sony Corporation CXD3011R-1 Datasheet HTML 11Page - Sony Corporation CXD3011R-1 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
– 8 –
CXD3011R-1
∗In the CXD3011R, the following pins are NC.
Pins 1, 18 to 21, 36, 37, 53 to 56, 72, 73, 89 to 92, 108, 109, 125 to 128 and 144
Notes) • The 64-bit slot is a LSB first, two's complement output. The 48-bit slot is a MSB first, two's complement
output.
• GTOP is used to monitor the frame sync protection status. (High: sync protection window released.)
• XUGF is the frame sync obtained from the EFM signal, and is negative pulse. It is the signal before sync
protection.
• XPLCK is the inverse of the EFM PLL clock. The PLL is designed so that the falling edge and the
EFM signal transition point coincide.
• The GFS signal goes high when the frame sync and the insertion protection timing match. (See $348.)
• RFCK is derived from the crystal accuracy, and has a cycle of 136µs. (during normal speed)
• C2PO represents the data error status.
• XRAOF is generated when the 32K RAM exceeds the ±28F jitter margin.
Pin
No.
119
120
121
122
123
124
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
I/O
I
I
I
I
I
O
I
I
O
I
O
I
O
I
I
I
1, 0
1, 0
1, Z, 0
1, 0
GFS is sampled at 460Hz; when GFS is high, this pin outputs a high signal.
If GFS is low eight consecutive samples, this pin outputs low. Input when
LKIN = high. (See $3E.)
Disc innermost track detection signal input.
Digital GND.
Test pin. Normally fixed to low.
Test pin. Normally fixed to low.
Test pin. Normally fixed to low.
Spindle motor external pin input.
Digital power supply.
Analog EFM PLL oscillation circuit output.
Analog EFM PLL oscillation circuit input. flock = 8.6436MHz.
Test pin. Normally fixed to low.
Analog EFM PLL charge pump output.
Variable pitch clock input from the external VCO. fcenter = 16.9344MHz.
Set VCKI to low when the external clock is not input to this pin.
Wide-band EFM PLL VCO2 oscillation output.
Analog power supply.
Connects the operational amplifier current source reference resistance.
Analog GND.
Operational amplifier output.
RF signal input.
Center servo analog input.
Tracking error signal input.
LOCK
SSTP
DVSS5
DTS0
TES2
TES3
PWMI
DVDD5
VCOO
VCOI
TEST
PDO
VCKI
V16M
AVDD2
IGEN
AVSS2
ADIO
RFDC
CE
TE
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com