Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CXD3011R-1 Datasheet(PDF) 1 Page - Sony Corporation

No. de pieza CXD3011R-1
Descripción Electrónicos  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3011R-1 Datasheet(HTML) 1 Page - Sony Corporation

  CXD3011R-1 Datasheet HTML 1Page - Sony Corporation CXD3011R-1 Datasheet HTML 2Page - Sony Corporation CXD3011R-1 Datasheet HTML 3Page - Sony Corporation CXD3011R-1 Datasheet HTML 4Page - Sony Corporation CXD3011R-1 Datasheet HTML 5Page - Sony Corporation CXD3011R-1 Datasheet HTML 6Page - Sony Corporation CXD3011R-1 Datasheet HTML 7Page - Sony Corporation CXD3011R-1 Datasheet HTML 8Page - Sony Corporation CXD3011R-1 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
CD Digital Signal Processor with Built-in Digital Servo and DAC
Description
The CXD3011R-1 is a digital signal processor LSI
for CD players. This LSI incorporates a digital servo,
digital filter and 1-bit DAC.
Features
• All digital signal processing during playback is
performed with a single chip
• Highly integrated mounting possible due to a built-
in RAM
Digital Signal Processor (DSP) Block
• Playback mode which supports CAV (Constant
Angular Velocity)
• Frame jitter free
• 0.5
× to 32× continuous playback possible with a
low external clock
• Allows relative rotational velocity readout
• Wide capture range playback mode
• Spindle rotational velocity following method
• Supports 1
× to 32× playback by switching the
built-in VCO
• The bit clock, which strobes the EFM signal, is
generated by the digital PLL.
• Digital PLL master clock can be set to 2/3 the
conventional one.
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• Refined
super
strategy-based
powerful
error
correction
C1: double correction, C2: quadruple correction
Supported during 32
× playback
• Noise reduction during track jumps
• Auto zero-cross mute
• Subcode demodulation and Sub-Q data error
detection
• Digital CLV spindle servo (built-in oversampling filter)
• 16-bit traverse counter
• Asymmetry compensation circuit
• CPU interface on serial bus
• Error correction monitor signal, etc. output from a
new CPU interface
• Servo auto sequencer
• Fine search performs track jumps with high
accuracy
• Digital audio interface outputs
• Digital level meter, peak meter
• Bilingual compatible
• VCO control mode
• Digital out can be generated from the audio serial
inputs.
Digital Servo (DSSP) Block
• Microcomputer software-based flexible servo control
• Offset cancel function for servo error signal
• Auto gain control function for servo loop
• E:F balance, focus bias adjustment function
• Surf jump and surf brake functions supporting micro
two-axis
• Tracking filter: 6 series
Focus filter: 5 series
• Servo drive DAC output possible
Digital Filter and DAC Blocks
• Digital de-emphasis
• Digital attenuation
• 8fs oversampling filter
• Adoption of a tertiary
∆∑ noise shaper
• Supports double-speed playback
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings
• Supply voltage
VDD
–0.3 to +4.4
V
• Input voltage
VI
–0.3 to +4.4
V
(VSS – 0.3 to VDD + 0.3) V
• Output voltage
VO
–0.3 to +4.4
V
• Storage temperature
Tstg
–40 to +125 °C
• Supply voltage difference VSS – AVSS –0.3 to +0.3
V
VDD – AVDD –0.3 to +0.3
V
Recommended Operating Conditions
• Supply voltage
VDD
3.0 to 4.0
V
• Operating temperature Topr
–20 to +75 °C
∗ The V
DD
(min.) for the CXD3011R-1 varies according
to the playback speed and built-in VCO selection.
The VDD (min.) for the CXD3011R-1 under various
conditions are as shown on the following page.
– 1 –
E97Z40A91-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXD3011R-1
144 pin LQFP (Plastic)


Número de pieza similar - CXD3011R-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Descripción similar - CXD3011R-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com