Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS30SM100S Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STPS30SM100S
Descripción Electrónicos  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM100S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS30SM100S Datasheet HTML 3Page - STMicroelectronics STPS30SM100S Datasheet HTML 4Page - STMicroelectronics STPS30SM100S Datasheet HTML 5Page - STMicroelectronics STPS30SM100S Datasheet HTML 6Page - STMicroelectronics STPS30SM100S Datasheet HTML 7Page - STMicroelectronics STPS30SM100S Datasheet HTML 8Page - STMicroelectronics STPS30SM100S Datasheet HTML 9Page - STMicroelectronics STPS30SM100S Datasheet HTML 10Page - STMicroelectronics STPS30SM100S Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPS30SM100S
10/11
Doc ID 15517 Rev 4
3
Ordering information
4
Revision history
Table 10.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
STPS30SM100ST
PS30SM100ST
TO-220AB
2.2 g
50
Tube
STPS30SM100SFP
PS30SM100SFP
TO-220FPAB
1.70 g
50
Tube
STPS30SM100SR
PS30SM100SR
I2PAK
1.49 g
50
Tube
STPS30SM100SG-TR PS30SM100SG
D2PAK
1.48 g
1000
Tape and reel
STPS30SM100STN
PS30SM100STN
TO-220AB
narrow leads
1.9 g
50
Tube
Table 11.
Document revision history
Date
Revision
Changes
25-Mar-2009
1
First issue
16-Apr-2010
2
Updated package graphic for TO-220AB on front page and in
Table 5.
28-Jan-2011
3
Added warning paragraph above Table 8.
15-Sep-2011
4
Added TO-220AB narrow leads package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com