Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS30SM100S Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STPS30SM100S
Descripción Electrónicos  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM100S Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30SM100S Datasheet HTML 1Page - STMicroelectronics STPS30SM100S Datasheet HTML 2Page - STMicroelectronics STPS30SM100S Datasheet HTML 3Page - STMicroelectronics STPS30SM100S Datasheet HTML 4Page - STMicroelectronics STPS30SM100S Datasheet HTML 5Page - STMicroelectronics STPS30SM100S Datasheet HTML 6Page - STMicroelectronics STPS30SM100S Datasheet HTML 7Page - STMicroelectronics STPS30SM100S Datasheet HTML 8Page - STMicroelectronics STPS30SM100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS30SM100S
2/11
Doc ID 15517 Rev 4
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.580 x IF(AV) + 0.0033 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values with terminals 1 and 3 short circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward current rms
60
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB, TO-220AB narrow leads,
D2PAK, I2PAK, Tc = 125 °C
30
A
TO-220FPAB, Tc = 80 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal,
terminals 1 and 3 short circuited
530
A
PARM
(1)
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
21500
W
VARM
(2)
Maximum repetitive peak avalanche
voltage
tp < 1 µs Tj < 150 °C
IAR < 53.8 A
120
V
VASM
(2)
Maximum single pulse peak
avalanche voltage
tp < 1 µs Tj < 150 °C
IAR < 53.8 A
120
V
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (3)
150
°C
1.
For temperature or pulse time duration deratings, refer to Figure 4. and Figure 5.. More details regarding the avalanche
energy measurements and diode validation in the avalanche are provided in the application notes AN1768 and AN2025.
2.
Refer to Figure 13.
3.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, TO-220AB narrow leads,
D2PAK, I2PAK
1
°C/W
TO-220FPAB
4
Table 4.
Static electrical characteristics (terminals 1 and 3 short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
45
µA
Tj = 125 °C
15
45
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
500
mV
Tj = 125 °C
420
Tj = 25 °C
IF = 10A
600
670
Tj = 125 °C
505
560
Tj = 25 °C
IF = 30 A
780
870
Tj = 125 °C
630
690
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com