Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT7277 Datasheet(PDF) 9 Page - Richtek Technology Corporation

No. de pieza RT7277
Descripción Electrónicos  3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7277 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT7277 Datasheet HTML 5Page - Richtek Technology Corporation RT7277 Datasheet HTML 6Page - Richtek Technology Corporation RT7277 Datasheet HTML 7Page - Richtek Technology Corporation RT7277 Datasheet HTML 8Page - Richtek Technology Corporation RT7277 Datasheet HTML 9Page - Richtek Technology Corporation RT7277 Datasheet HTML 10Page - Richtek Technology Corporation RT7277 Datasheet HTML 11Page - Richtek Technology Corporation RT7277 Datasheet HTML 12Page - Richtek Technology Corporation RT7277 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT7277
9
DS7277-00 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (1ms/Div)
Power On from EN
VIN = 12V, VOUT = 1.05V, IOUT = 3A
VOUT
(1V/Div)
VEN
(2V/Div)
IOUT
(2A/Div)
Time (10
μs/Div)
Power Off from EN
VIN = 12V, VOUT = 1.05V, IOUT = 3A
VOUT
(1V/Div)
VEN
(2V/Div)
IOUT
(2A/Div)
EN Current vs. EN Voltage
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
EN Voltage (V)
VIN = 17V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com