Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT7277 Datasheet(PDF) 10 Page - Richtek Technology Corporation

No. de pieza RT7277
Descripción Electrónicos  3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7277 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7277 Datasheet HTML 6Page - Richtek Technology Corporation RT7277 Datasheet HTML 7Page - Richtek Technology Corporation RT7277 Datasheet HTML 8Page - Richtek Technology Corporation RT7277 Datasheet HTML 9Page - Richtek Technology Corporation RT7277 Datasheet HTML 10Page - Richtek Technology Corporation RT7277 Datasheet HTML 11Page - Richtek Technology Corporation RT7277 Datasheet HTML 12Page - Richtek Technology Corporation RT7277 Datasheet HTML 13Page - Richtek Technology Corporation RT7277 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT7277
10
DS7277-00 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
To prevent enabling circuit when VIN is smaller than the
VOUT target value, a resistive voltage divider can be placed
between the input voltage and ground and connected to
the EN pin to adjust IC lockout threshold, as shown in
Figure 3. For example, if an 8V output voltage is regulated
from a 12V input voltage, the resistor REN2 can be selected
to set input lockout threshold larger than 8V.
Application Information
The RT7277 is a synchronous high voltage Buck converter
that can support the input voltage range from 4.5V to 18V
and the output current up to 3A. It adopts ACOTTM mode
control to provide a very fast transient response with few
external compensation components.
PWM Operation
It is suitable for low external component count
configuration with appropriate amount of Equivalent Series
Resistance (ESR) capacitors at the output. The output
ripple valley voltage is monitored at a feedback point
voltage. The synchronous high side MOSFET is turned
on at the beginning of each cycle. After the internal on-
time timer expires, the MOSFET is turned off. The pulse
width of this on-time is determined by the converter's input
and output voltages to keep the frequency fairly constant
over the entire input voltage range.
Advanced Constant On-Time Control
The RT7277 has a unique circuit which sets the on-time
by monitoring the input voltage and SW signal. The circuit
ensures the switching frequency operating at 700kHz over
input voltage range and loading range.
Soft-Start
The RT7277 contains an external soft-start clamp that
gradually raises the output voltage. The soft-start timing
can be programmed by the external capacitor between
SS pin and GND. The chip provides a 2
μA charge current
for the external capacitor. If a 3.9nF capacitor is used,
the soft-start will be 2.6ms (typ.). The available capacitance
range is from 2.7nF to 220nF.
SS
SS
C5 (nF) 1.365
t
(ms) =
I
( A)
×
μ
Chip Enable Operation
The EN pin is the chip enable input. Pulling the EN pin
low (<0.4V) will shut down the device. During shutdown
mode, the RT7277 quiescent current drops to lower than
10
μA. Driving the EN pin high (>2V, <18V) will turn on the
Figure 1. External Timing Control
An external MOSFET can be added to implement digital
control on the EN pin when no system voltage above 2V
is available, as shown in Figure 2. In this case, a 100k
Ω
pull-up resistor, REN, is connected between VIN and the
EN pin. MOSFET Q1 will be under logic control to pull
down the EN pin.
RT7277
EN
GND
VIN
REN
CEN
EN
Figure 2. Digital Enable Control Circuit
Figure 3. Resistor Divider for Lockout Threshold Setting
RT7277
EN
GND
VIN
REN1
REN2
RT7277
EN
GND
100k
VIN
REN
Q1
EN
device again. For external timing control, the EN pin can
also be externally pulled high by adding a REN resistor
and CEN capacitor from the VIN pin (see Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com