Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3C3SN Datasheet(PDF) 17 Page - ITT Industries

No. de pieza DAMMN3C3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3C3SN Datasheet(HTML) 17 Page - ITT Industries

Back Button DAMMN3C3SN Datasheet HTML 13Page - ITT Industries DAMMN3C3SN Datasheet HTML 14Page - ITT Industries DAMMN3C3SN Datasheet HTML 15Page - ITT Industries DAMMN3C3SN Datasheet HTML 16Page - ITT Industries DAMMN3C3SN Datasheet HTML 17Page - ITT Industries DAMMN3C3SN Datasheet HTML 18Page - ITT Industries DAMMN3C3SN Datasheet HTML 19Page - ITT Industries DAMMN3C3SN Datasheet HTML 20Page - ITT Industries DAMMN3C3SN Datasheet HTML 21Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
16
D Subminiature
D*M
90
° Solder Termination (Machined) — Standard Footprint .318 or .283 inch
Part Numbers
Shell Size
Layout
Bracket
Bracket &
Boardlock
Bracket &
Screw Lock
#4-40 UNC
Bracket,
Boardlock &
Screw Lock
#4-40 UNC
DE
9
DEMP9PJK87
DEMCP9PJK87
DEMD9PJK87
DEMG9PJK87
DA
15
DAMP15PJK87
DAMC15PJK87
DAMD15PJK87
DAMG15PJK87
DB
25
DBMP25PJK87
DBMC25PJK87
DBMD25PJK87
DBMG25PJK87
DC
37
DCMP37PJK87
DCMC37PJK87
DCMD37PJK87
DCMG37PJK87
DD
50
DDMP50PJK87
DDMC50PJK87
DDMD50PJK87
DDMG50PJK87
Note: For contacts with 30 microinches gold substitute K127 for K87. Example: DAMG15PJK127
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
M
±0,25 (.010)
N
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
12,34 (.486)
8,64 (.340)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
12,34 (.486)
8,64 (.340)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
12,34 (.486)
8,64 (.340)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
12,34 (.486)
8,64 (.340)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
13,74 (.541)
10,06 (.396)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Plug
Engaging Face
Screw lock and boardlock
removed for clarity
Screw lock and boardlock
removed for clarity
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 272.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Note:
Dimension varies with alternate bracket configuration. See Reader’s Resource page 226.
10
°
A
C
E
D
B
BOARDLOCK
Ø 0,76
(.030)
2,92
(.115)
RIVNUT
#4-40 UNC
6,50
± 0,25
(.256
± .010)
M
N
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
5,68
(.224)
2,84
(.112)
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
L
4,33
± 0,38
(.170
± .015)
2,84
(.112)
7,18
± 0,25
(.283
± .010)
W
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More