Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3C3SN Datasheet(PDF) 99 Page - ITT Industries

No. de pieza DAMMN3C3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3C3SN Datasheet(HTML) 99 Page - ITT Industries

Back Button DAMMN3C3SN Datasheet HTML 95Page - ITT Industries DAMMN3C3SN Datasheet HTML 96Page - ITT Industries DAMMN3C3SN Datasheet HTML 97Page - ITT Industries DAMMN3C3SN Datasheet HTML 98Page - ITT Industries DAMMN3C3SN Datasheet HTML 99Page - ITT Industries DAMMN3C3SN Datasheet HTML 100Page - ITT Industries DAMMN3C3SN Datasheet HTML 101Page - ITT Industries DAMMN3C3SN Datasheet HTML 102Page - ITT Industries DAMMN3C3SN Datasheet HTML 103Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
D Subminiature
C ommercial M icro D — M DSM
Locking/Latching Options
Jackscrew
Push/Pull
The jackscrew locking system is designed for applications which require a
secureconnection. Utilizethumbscrews whentheconnectors areinfrequently
unmated.
The push/pull latching system is designed for applications which require a
quickconnectanddisconnect. Aspringretentionmechanismlatches toa post
on the board side to prevent unintentional unmatings.
Z10 Jackpost
Z42 Jackpost
6,45
(.254)
#2-56 UNC
1,25 (.049)
3,18 (.125)
HE X
(AC R OS S F LAT S )
¯ 3,25
(.128)
6,45
(.254)
#2-56 UNC
1,25 (.049)
0,52 (.020)
Note: Two Jackposts supplied with boardside connectors.
Note: Two Jackposts supplied with boardside connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More