Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 161 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 161 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 157Page - ITT Industries DAMMN7H2SN Datasheet HTML 158Page - ITT Industries DAMMN7H2SN Datasheet HTML 159Page - ITT Industries DAMMN7H2SN Datasheet HTML 160Page - ITT Industries DAMMN7H2SN Datasheet HTML 161Page - ITT Industries DAMMN7H2SN Datasheet HTML 162Page - ITT Industries DAMMN7H2SN Datasheet HTML 163Page - ITT Industries DAMMN7H2SN Datasheet HTML 164Page - ITT Industries DAMMN7H2SN Datasheet HTML 165Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
160
D Subminiature
Military/High Reliability
40 A High Power Straight PCB (Size DD)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMMV24H7PN
DDMMZ24H7PN
DDMMN24H7PN
DD
36W4
DDMMV36H4PN
DDMMZ36H4PN
DDMMN36H4PN
DD
43W2
DDMMV43H2PN
DDMMZ43H2PN
DDMMN43H2PN
DD
47W1
DDMMV47H1PN
DDMMZ47H1PN
DDMMN47H1PN
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,41 (.016)
L
±0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Screw lock, boardlock, and high power contact
removed for clarity
A
C
B
E
D
10
°
7,62
± 0,25
(.300
± .010)
Ø 0,76
(.030)
Ø 3,18
(.125)
6,50
± 0,25
(.256
± .010)
2,92
(.115)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,65
(.183)
4,52
(.178)
STANDOFF
#4-40 UNC
5,69
(.224)
2,84
(.112)
L
W
F
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 256.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com