Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 162 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 162 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 158Page - ITT Industries DAMMN7H2SN Datasheet HTML 159Page - ITT Industries DAMMN7H2SN Datasheet HTML 160Page - ITT Industries DAMMN7H2SN Datasheet HTML 161Page - ITT Industries DAMMN7H2SN Datasheet HTML 162Page - ITT Industries DAMMN7H2SN Datasheet HTML 163Page - ITT Industries DAMMN7H2SN Datasheet HTML 164Page - ITT Industries DAMMN7H2SN Datasheet HTML 165Page - ITT Industries DAMMN7H2SN Datasheet HTML 166Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
161
D Subminiature
Military/High Reliability
40 A High Power Straight PCB (Size DD)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMMV24H7SN
DDMMZ24H7SN
DDMMN24H7SN
DD
36W4
DDMMV36H4SN
DDMMZ36H4SN
DDMMN36H4SN
DD
43W2
DDMMV43H2SN
DDMMZ43H2SN
DDMMN43H2SN
DD
47W1
DDMMV47H1SN
DDMMZ47H1SN
DDMMN47H1SN
Receptacle
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Engaging Face
Screw lock, boardlock and high power contact
removed for clarity
A
C
B
E
D
10
°
7,62
± 0,25
(.300
± .010)
6,50
± 0,25
(.256
± .010)
Ø 3,18
(.125)
Ø 0,76
(.030)
4,65
(.183)
2,92
(.115)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
5,69
(.224)
L
W
F
2,84
(.112)
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see page 259.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com