Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 119 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 119 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 115Page - ITT Industries DAMMN7H2SN Datasheet HTML 116Page - ITT Industries DAMMN7H2SN Datasheet HTML 117Page - ITT Industries DAMMN7H2SN Datasheet HTML 118Page - ITT Industries DAMMN7H2SN Datasheet HTML 119Page - ITT Industries DAMMN7H2SN Datasheet HTML 120Page - ITT Industries DAMMN7H2SN Datasheet HTML 121Page - ITT Industries DAMMN7H2SN Datasheet HTML 122Page - ITT Industries DAMMN7H2SN Datasheet HTML 123Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
118
D Subminiature
Filter D
D*JK — 90
° PC Tails & Plastic Brackets — European Footprint 10,2 or 9,4 mm
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
For pushfit/boardlock configuration,
see page 225.
Filter Designator*
Filter Capacitance
1
330 pF
2
470 pF
3
680 pF
4
1000 pF
5
1500 pF
For electrical data, see page 106.
Part Numbers
Bushing with
Through Hole
Captive Nut
#4-40 UNC
Captive Nut
M3
Post
#4-40 UNC
Post
M3
DEJK9P*-1A5N
DEJK9P*-1AUN
DEJK9P*-1ATN
DEJK9P*-1A6N
DEJK9P*-1APN
DAJK15P*-1A5N
DAJK15P*-1AUN
DAJK15P*-1ATN
DAJK15P*-1A6N
DAJK15P*-1APN
DBJK25P*-1A5N
DBJK25P*-1AUN
DBJK25P*-1ATN
DBJK25P*-1A6N
DBJK25P*-1APN
DCJK37P*-1A5N
DCJK37P*-1AUN
DCJK37P*-1ATN
DCJK37P*-1A6N
DCJK37P*-1APN
* Insert filter designator. Example: DEJK9P4-1A5N (For 1000 pF filter capacitance)
Notes: For performance class 1 add -A190. Example: DEJK9P1-1A5N-A190
For pushfit/boardlocks add-146. Example: DEJK9P1-1A5N-A190-146
Engaging Face
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0.13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,37 (.015)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,69 (.264)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,69 (.264)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
A
C
B
D
E
1,00 (.039)
Ø 0,60 (.024)
10
°
8
1
15
9
BRACKET,
PLASTIC
3,70 (.146)
9,40 (.370)
2,54 (.100)
W
F
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com