Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 122 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 122 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 118Page - ITT Industries DAMMN7H2SN Datasheet HTML 119Page - ITT Industries DAMMN7H2SN Datasheet HTML 120Page - ITT Industries DAMMN7H2SN Datasheet HTML 121Page - ITT Industries DAMMN7H2SN Datasheet HTML 122Page - ITT Industries DAMMN7H2SN Datasheet HTML 123Page - ITT Industries DAMMN7H2SN Datasheet HTML 124Page - ITT Industries DAMMN7H2SN Datasheet HTML 125Page - ITT Industries DAMMN7H2SN Datasheet HTML 126Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
121
Part Numbers
Shell Size
Layout
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
Pushfit/Boardlock
#4-40 UNC
Pushfit/Boardlock
M3
DE
9
DEJK9S*-OL4
DEJKE9S*-OL4
DEJKX9S*-OL4
DEJKE9S*-OL4-146
DEJKX9S*-OL4-146
DA
15
DAJK15S*-OL4
DAJKE15S*-OL4
DAJKX15S*-OL4
DAJKE15S*-OL4-146
DAJKX15S*-OL4-146
DB
25
DBJK25S*-OL4
DBJKE25S*-OL4
DBJKX25S*-OL4
DBJKE25S*-OL4-146
DBJKX25S*-OL4-146
DC
37
DCJK37S*-OL4
DCJKE37S*-OL4
DCJKX37S*-OL4
DCJKE37S*-OL4-146
DCJKX37S*-OL4-146
* Insert filter designator. Example: DEJK9S4-OL4 (for 1000 pF filter capacitance)
Note: For performance class 1 add -A190. Example: DEJK9S1-OL4-A190
D Subminiature
Filter D
D*JK — Straight P.C. Tails
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For Hardware views (European),
see page 227.
For pushfit/boardlock configuration,
see page 225.
Filter Designator*
Filter Capacitance
1
330 pF
2
470 pF
3
680 pF
4
1000 pF
5
1500 pF
For electrical data, see page 106.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Engaging Face
A
C
B
E
D
Ø 3,05 (.120)
10
°
8
1
15
9
Ø 0,60 (.024)
11,70
± 0,20
(.461
± .008)
2,84 (.112)
W
F
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com