Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN7H2SN Datasheet(PDF) 123 Page - ITT Industries

No. de pieza DAMMN7H2SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 123 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 119Page - ITT Industries DAMMN7H2SN Datasheet HTML 120Page - ITT Industries DAMMN7H2SN Datasheet HTML 121Page - ITT Industries DAMMN7H2SN Datasheet HTML 122Page - ITT Industries DAMMN7H2SN Datasheet HTML 123Page - ITT Industries DAMMN7H2SN Datasheet HTML 124Page - ITT Industries DAMMN7H2SN Datasheet HTML 125Page - ITT Industries DAMMN7H2SN Datasheet HTML 126Page - ITT Industries DAMMN7H2SN Datasheet HTML 127Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
122
Part Numbers
Shell Size
Layout
Through Hole
Clinch Nut #4-40 UNC
Clinch Nut M3
DE
9
DEJT9P*
DEJTE9P*
DEJTX9P*
DA
15
DAJT15P*
DAJTE15P*
DAJTX15P*
DB
25
DBJT25P*
DBJTE25P*
DBJTX25P*
DC
37
DCJT37P*
DCJTE37P*
DCJTX37P*
* Insert filter designator. Example: DCJT37P4 (for 2000 pF filter capacitance)
Note: For performance class 1 add -A190. Example: DCJT37P1-A190
D Subminiature
Filter D
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Filter Designator*
Filter Capacitance
1
1000 pF
2
500 pF
3
250 pF
4
2000 pF
5
5000 pF
For electrical data, see page 107.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0.13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,37 (.015)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,69 (.264)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,69 (.264)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Engaging Face
D*JT — Solder Cup
9,80 (.386)
MAX
2,84 (.112)
F
W
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com