Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 171 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 171 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 167Page - ITT Industries DAMMN3H3SN Datasheet HTML 168Page - ITT Industries DAMMN3H3SN Datasheet HTML 169Page - ITT Industries DAMMN3H3SN Datasheet HTML 170Page - ITT Industries DAMMN3H3SN Datasheet HTML 171Page - ITT Industries DAMMN3H3SN Datasheet HTML 172Page - ITT Industries DAMMN3H3SN Datasheet HTML 173Page - ITT Industries DAMMN3H3SN Datasheet HTML 174Page - ITT Industries DAMMN3H3SN Datasheet HTML 175Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
170
Dielectric Withstanding Voltage
Altitude (meter/feet)
Sea Level
Sea Level
6 096/20 000
6 096/20 000
15 240/50 000
15 240/50 000
21 336/70 000
21 336/70 000
Average Flashover
1500/1700
1500/1700
1000/1000
1000/1000
500/650
500/650
500/500
500/500
Test
1000/1250
1000/1250
650/750
650/750
325/475
325/475
325/375
325/375
Type of Contact
90
°
Straight
90
°
Straight
90
°
Straight
90
°
Straight
Center Conductor
to Coaxial Shell
Average
Flashover Test
1200
1500
900
1000
600
700
400
500
800
1000
600
550
400
475
275
325
Coaxial Shell to Nearest
Solder Cup Contact
Average
Flashover Test
—
1500
—
1500
—
900
—
650
—
1000
—
1000
—
800
—
425
High Power Contact and/or
Coaxial Shell to Plug Shell
Average
Flashover Test
1500
1500
1000
1000
500
500
500
500
1000
1000
650
650
325
325
325
325
Size 20 Signal Contact
Average
Flashover Test
1200
1200
1000
1000
650
650
500
500
1250
1250
750
750
475
475
375
375
All voltage figures are rms AC 60 rms cps. Measured at approximately
+25°C, 50% rh. For additional performance specifications refer to MIL-C-24308.
Residual Magnetism Level
Residual Magnetism
Suffix Code
20 000 Gamma
NM
200 Gamma
NMB
Note: NMC is available by special request. Consult factory for details.
D Subminiature
Space/High Reliability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com