| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAMMN3H3SN Datasheet(PDF) 83 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMN3H3SN Datasheet(HTML) 83 Page - ITT Industries |
|
83 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 82 D Subminiature Combo D Shield Cans X Cable Ferrule X A Ferrule Part Number Crimp Tool Part Number Crimp Tool Position 4,8 - 5,5 6,25 (.246) 304-8810-000 D115433-1 B 5,5 - 6,2 6,25 (.246) 304-8810-000 D115433-1 A 6,2 - 7,2 8,20 (.323) 304-8811-000 D115433-2 B 7,2 - 8,2 8,20 (.323) 304-8811-000 D115433-2 A 8,2 - 9,5 11,50 (.452) 304-8812-000 D115433-3 B 9,5 - 11,1 11,50 (.452) 304-8813-000 D115433-3 A FERRULE CABLE Ferrule Wire Trim Dimensions 11,25(.443) Ø A Ø 11,10(.437) 10,00(.394) 50,00 (1.969) Crimp Tool Positions 10,10 (.398) Ø 10,00 (.394) Order 1 top can, 1 bottom can, 1 ferrule per connector. Materials and Finishes Shield Can and Ferrule Material: Steel Finish: Tin Part Numbers Top Can (B size): 348-8946-000 Bottom Can (B size): 348-8945-000 Note: For other available can sizes, consult factory for details. |