| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAMMN3H3SN Datasheet(PDF) 41 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMN3H3SN Datasheet(HTML) 41 Page - ITT Industries |
|
41 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 40 D Subminiature D*W Shield Can Kit Ferrule D*W X Cable Ferrule X A Ferrule Part Number Crimp Tool Part Number Crimp Tool Position DEW9G 4,8-5,5 6,25 (.246) 304-8810-000 D115433-1 B 5,5-6,2 6,25 (.246) 304-8810-000 D115433-1 A 6,2-7,2 8,20 (.323) 304-8811-000 D115433-2 B 7,2-8,2 8,20 (.323) 304-8811-000 D115433-2 A 8,2-9,5 11,50 (.452) 304-8812-000 D115433-3 B 9,5-11,1 11,50 (.452) 304-8813-000 D115433-3 A DBW25G 4,8-5,5 6,25 (.246) 304-8810-000 D115433-1 B 5,5-6,2 6,25 (.246) 304-8810-000 D115433-1 A 6,2-7,2 8,20 (.323) 304-8811-000 D115433-2 B 7,2-8,2 8,20 (.323) 304-8811-000 D115433-2 A 8,2-9,5 11,50 (.452) 304-8812-000 D115433-3 B 9,5-11,1 11,50 (.452) 304-8813-000 D115433-3 A Ferrule Wire Trim Dimensions Crimp Tool Positions FERRULE CABLE 60 ° 38,80(1.528) 32,60(1.283) 16,70 (.657) 39,80 (1.567) FERRULE, MUST BE PURCHASED SEPARATELY. Materials and Finishes Shield Can and Ferrule Material: Steel Finish: Tin 11,25(.443) Ø A Ø 11,10(.437) 10,00(.394) 50,00 (1.969) FERRULE CABLE 35,00 (1.378) WIRES BRAID Ø10,00 (.394) 10,10 (.398) |