Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 219 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 219 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 215Page - ITT Industries DAMMN3H3SN Datasheet HTML 216Page - ITT Industries DAMMN3H3SN Datasheet HTML 217Page - ITT Industries DAMMN3H3SN Datasheet HTML 218Page - ITT Industries DAMMN3H3SN Datasheet HTML 219Page - ITT Industries DAMMN3H3SN Datasheet HTML 220Page - ITT Industries DAMMN3H3SN Datasheet HTML 221Page - ITT Industries DAMMN3H3SN Datasheet HTML 222Page - ITT Industries DAMMN3H3SN Datasheet HTML 223Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
218
D Subminiature Accessories
Miscellaneous
Dust Cap
RAISED GATE MARK
ITT CANNON
XX-XX-XX
D
6,35 (.250)
B
1,02 WALL
(.040)
A
C
NOTE: C dim. applies at point of maximum integral interface length.
Dust caps provide protection from moisture and
dust for unused I/O ports.
Product Features
Conductive Dust Caps provide a surface
resistivity of at least 1 x 105 ohms/sq
Dust Caps meet the static decay test
requirements of MIL-B-81705C, Type II.
Dust Caps have an integral flange for easy
application and removal.
Materials and Finishes
Material:
Black Polyethylene
Part Number
I.D.
A
B
C
D
DE-59-20
Socket
20,32 (.800)
11,43 (.450)
16,36 (.644)
7,59 (.299)
DA-59-20
Socket
28,45 (1.120)
11,68 (.460)
24,59 (.968)
7,62 (.300)
DB-59-20
Socket
42,42 (1.670)
11,68 (.460)
38,25 (1.506)
7,49 (.295)
DC-59-20
Socket
58,93 (2.320)
11,68 (.460)
54,81 (2.158)
7,37 (.290)
DD-59-20
Socket
56,90 (2.240)
14,48 (.570)
53,11 (2.091)
10,41 (.410)
DE-60-20
Pin
21,84 (.860)
12,95 (.510)
17,78 (.700)
8,92 (.351)
DA-60-20
Pin
30,48 (1.200)
12,95 (.510)
26,52 (1.044)
9,02 (.355)
DB-60-20
Pin
44,20 (1.740)
13,46 (.530)
39,60 (1.559)
9,09 (.358)
DC-60-20
Pin
60,71 (2.390)
13,46 (.530)
56,90 (2.240)
9,37 (.369)
DD-60-20
Pin
58,17 (2.290)
16,00 (.630)
54,28 (2.137)
12,04 (.474)
Interfacial Seal
Interfacial seals provide moisture resistance at the
mating interface.
Product Features
Other Interfacial Seals in the Combo D
layouts are available upon request.
Materials and Finishes
Material:
Silastic Sheet
Shell Size
Layout
Part Number
A
B
DE
9
DE53750
16,66 (.656)
8,41 (.331)
DA
15
DA53750-1
24,99 (.984)
8,41 (.331)
DB
25
DB53750-2
38,88 (1.531)
8,41 (.331)
DC
37
DC53750-3
55,14 (2.171)
8,41 (.331)
DD
50
DD53750-4
52,78 (2.078)
11,10 (.437)
DC
21WA4
075-0354-003
55,14 (2.171)
8,41 (.331)
2X Ø 3,25 (.128)
15,20
(.600)
4,70 (.185)
0,76 (.030)
Shell
Size
Layout
Part
Number
DE
9
DE50904-1
DA
15
DA50905-1
DB
25
DB50906-1
DC
37
DC50907-1
DD
50
DD50908-1
Materials and Finishes
Material:
Nylon
Color:
Natural (white)
Potting Shell
Potting shells are molded with a thin flange
0,76 (.030) to permit the use of D Subminiature
locking devices.
Potting shells hold epoxy in place during curing.
2X 10
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com