Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 258 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 258 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 254Page - ITT Industries DAMMN3H3SN Datasheet HTML 255Page - ITT Industries DAMMN3H3SN Datasheet HTML 256Page - ITT Industries DAMMN3H3SN Datasheet HTML 257Page - ITT Industries DAMMN3H3SN Datasheet HTML 258Page - ITT Industries DAMMN3H3SN Datasheet HTML 259Page - ITT Industries DAMMN3H3SN Datasheet HTML 260Page - ITT Industries DAMMN3H3SN Datasheet HTML 261Page - ITT Industries DAMMN3H3SN Datasheet HTML 262Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
PCB Hole Pattern — Standard/European
High Power/Voltage Straight — Receptacle
5,49
(.216)
8,23 (.324)
Mounting
Hole
Signal
Contact
25,00 (.984)
2,84 (.112)
High Voltage
High Power/
Contact
5,49
(.216)
33,32 (1.312)
6,86
(.270)
Mounting
Hole
High Voltage
Contact
High Power/
6,86
(.270)
33,32 (1.312)
5,49
(.216)
6,86
(.270)
Mounting
Hole
Signal
Contact
2,74 (.108)
2,84 (.112)
6,86
(.270)
High Voltage
Contact
High Power/
5,49
(.216)
5,49
(.216)
33,32 (1.312)
8,23 (.324) 8,23 (.324)
8,23 (.324)
6,86 (.270)
9,60 (.378)
6,86 (.270)
9,60 (.378)
Mounting
Hole
Signal
Contact
2,84
(.112)
High Voltage
Contact
High Power/
5,54(.218) 5,54(.218)
13,82 (.544)
8,28 (.326)
13,82 (.544)
8,28 (.326)
5,54(.218)
8,28 (.326)
6,91 (.272)
9,68 (.381)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,80 (.110)
2,84 (.112)
47,04 (1.852)
High Voltage
Contact
High Power/
5,54(.218) 5,54(.218)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
16,56 (.652)
13,82 (.544)
11,05 (.435)
8,28 (.326)
8,28 (.326)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
12,42 (.489)
15,19 (.598)
6,91 (.272)
9,68 (.381)
Mounting Hole
Signal
Contact
2,84 (.112)
47,04 (1.852)
High Voltage
Contact
High Power/
E
5W1
4 #20
1#8
A
3W3
0 #20
3 #8
A
7W2
5 #20
2 #8
A
11W1
10 #20
1#8
B
5W5
0 #20
5 #8
B
9W4
5 #20
4 #8
B
13W3
10 #20
3 #8
B
17W2
15 #20
2 #8
B
21W1
20 #20
1#8
14,48 (.570)
Mounting
Hole
14,48 (.570)
7,67 (.302)
5,94 (.234)
0,86
(.034)
47,04 (1.852)
High Voltage
Contact
High Power/
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Shell Size
Contact Arrangement
No. of Size 20 Cavities
No. of Size 8 Cavities
Signal Contact
X
Recommended PCB Hole
X
0,60 (.024)
1,00 (.039)
0,76 (.030)
1,14 (.045)
Mounting Type
Recommended PCB Hole
X
Without Boardlock
3,05 (.120)
With Boardlock
3,10 (.122)
Size 8 Contact Type
Recommended PCB Hole
X
High Power (H)
3,56 (.140)
High Voltage (V)
1,96 (.077)
5,54(.218)
7,77 (.306)
14,48 (.570)
8,28 (.326)
5,54(.218)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,80 (.110)
2,84
(.112)
4,14 (.163)
14,48 (.570)
47,04 (1.852)
High Voltage
Contact
High Power/
5,54(.218)
7,77 (.306)
14,48 (.570)
8,28 (.326)
6,91 (.272)
9,68 (.381)
Mounting
Hole
Signal
Contact
2,84 (.112)
4,14 (.163)
14,48 (.570)
47,04 (1.852)
High Voltage
Contact
High Power/
257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com