Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 276 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 276 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 272Page - ITT Industries DAMMN3H3SN Datasheet HTML 273Page - ITT Industries DAMMN3H3SN Datasheet HTML 274Page - ITT Industries DAMMN3H3SN Datasheet HTML 275Page - ITT Industries DAMMN3H3SN Datasheet HTML 276Page - ITT Industries DAMMN3H3SN Datasheet HTML 277Page - ITT Industries DAMMN3H3SN Datasheet HTML 278Page - ITT Industries DAMMN3H3SN Datasheet HTML 279Page - ITT Industries DAMMN3H3SN Datasheet HTML 280Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
D Subminiature
Lease Tooling
ABT-607 Pneumatic Crimper
The ABT-607 is a pneumatic powered and controlled machine. It is designed for customers with
moderate volume. This machine is designed to semi-automatically crimp stamped and formed contacts
onto pre-stripped stranded or single conductor electrical wire. This machine will accomodate size 34 thru
12 AWG wire and is actuated by the use of a foot pedal.
Machine Crimp Rate: 800 per hour
Power Requirements: Pneumatic
= 100 psi, 2 cu. ft. per min.
ABT-607
Products: D*A, MDSM, 75 Ohm Crimp Coax
ABT-620 UCCS Semi-Automatic Crimper/Stripper
The ABT-620 Universal Cannon Crimper/Stripper is a pneumatic powered, microprocessor controlled
machine. It is designed to semi-automatically strip insulation from stranded or single conductor electrical
wire and attach a stamped and formed contact by crimping. The machine will accommodate 34 thru 12
AWG wire. Primary application of the machine is the termination of jacketed cable where the individual
leads cannot be stripped on fully automated equipment. The ABT-620 UCCS operates automatically upon
insertion of a wire or it can be switched over to foot pedal operation as desired.
Machine Strip/Crimp Rate: 1200
+ per hour
Power Requirements: Electrical
= 115 VAC, 60 Hz, 20 A
Pneumatic
= 80 psi, 3 cu. ft. per min.
ABT-620 UCCS
Products: D*A, MDSM
CBT-646 Vibra-Bowl Crimper
The CBT-646, Vibra-Bowl Crimper is a pneumatically powered, electronically controlled machine. It is
designed to semi-automatically crimp closed barrel, machined contacts, as used in the aerospace and
commercial industries. The machine will accommodate wire sizes 30 thru 12 AWG. The CBT-646 is
actuated automatically upon insertion of a pre-stripped stranded or single conductor wire.
Machine Crimp Rate: 1300
+ per hour
Power Requirements: Electrical
= 115 VAC, 60 Hz, 5 A
Pneumatic
= 85 psi, 2 cu. ft. per min.
CBT-646
Products: D*MA
275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com