Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAMMN3H3SN Datasheet(PDF) 283 Page - ITT Industries

No. de pieza DAMMN3H3SN
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 283 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 279Page - ITT Industries DAMMN3H3SN Datasheet HTML 280Page - ITT Industries DAMMN3H3SN Datasheet HTML 281Page - ITT Industries DAMMN3H3SN Datasheet HTML 282Page - ITT Industries DAMMN3H3SN Datasheet HTML 283Page - ITT Industries DAMMN3H3SN Datasheet HTML 284Page - ITT Industries DAMMN3H3SN Datasheet HTML 285Page - ITT Industries DAMMN3H3SN Datasheet HTML 286Page - ITT Industries DAMMN3H3SN Datasheet HTML 287Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
D Subminiature
Reader’s Resource
Obsolete Products
General Application Connectors
D*C
Burgun D with snap-in, rear
release machined or stamped
crimp contacts. Refer to D*U
products.
D*P
90
° connectors for I/O
applications, UL 94V-0 rated.
Refer to D*U products
Available Products Not Listed Within This Publication
General Application Connectors
D*U
Burgun D with snap-in, rear
release machined or stamped
crimp contacts, UL 94V-0 rated.
D*SF
Speedy D for IDC ribbon cable, UL
94V-0 rated, accomodates Sizes
28-26 AWG cable on 1,27 (.050)
conductor spacing.
Commercial Applications Only
D*MA
Military specification quality
removable crimp style contacts for
high performance applications.
ZD*A
Low cost, stamped contacts, high
density 90
° PCB connectors.
Special Application Connectors
GD*
Grommet D environmentally
sealed, crimp, snap-in, rear
release contacts.
D*D
Environmentally sealed, cast
aluminium shell. Product not
intermatable with M24308 type
D Subminiature connectors.
Military or Commercial Applications
Consult factory for details.
282
D*PF
Straight and 90
° PCB applications,
UL 94V-0 rated. Refer to D*
products.
AD*
Part number change only.
Refer to ZD* products.
D*11148
D*(SMT)
SMT – Surface Mount D,
no replacement, only through
holes available. Refer to ZED*
products.
D*P1
Machined pressfit replaced by
stamped pressfit. Refer to D*NG
products.
D*TC
Part number change only.
Refer to D* products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com