Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT8079 Datasheet(PDF) 4 Page - Richtek Technology Corporation

No. de pieza RT8079
Descripción Electrónicos  2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8079 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8079 Datasheet HTML 1Page - Richtek Technology Corporation RT8079 Datasheet HTML 2Page - Richtek Technology Corporation RT8079 Datasheet HTML 3Page - Richtek Technology Corporation RT8079 Datasheet HTML 4Page - Richtek Technology Corporation RT8079 Datasheet HTML 5Page - Richtek Technology Corporation RT8079 Datasheet HTML 6Page - Richtek Technology Corporation RT8079 Datasheet HTML 7Page - Richtek Technology Corporation RT8079 Datasheet HTML 8Page - Richtek Technology Corporation RT8079 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
DS8079-01
February 2013
www.richtek.com
RT8079
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = 5V, CIN = 10
μF, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 7V
Switch Note Voltage, SW -----------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
BOOT to SW ---------------------------------------------------------------------------------------------------------
−0.3V to 7V
Other Pins -------------------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25
°C
WQFN-16L 3x3 ------------------------------------------------------------------------------------------------------ 2.128W
Package Thermal Resistance (Note 2)
WQFN-16L 3x3,
θJA ------------------------------------------------------------------------------------------------- 47°C/W
WQFN-16L 3x3,
θJC ------------------------------------------------------------------------------------------------ 7.5°C/W
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------ 2.95V to 6V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C t o 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Supply
Under Voltage Lockout
Threshold
VUVLO
VIN Rising
--
2.7
2.8
V
Under Voltage Lockout
Hysteresis
ΔVUVLO
--
200
--
mV
Quiescent Current
IQ
Active, VFB = 1V, Not Switching
--
550
800
μA
Shutdown Current
ISHDN
--
2
5
μA
Feedback Voltage
Feedback Voltage
VFB
0.802
0.827
0.852
V
Enable
Logic-High
VIH
Rising
--
1.25
--
EN Input Voltage
Threshold
Logic-Low
VIL
Falling
--
1.18
--
V
VEN = VIH + 50mV
--
−4.6
--
Input Current
VEN = VIL − 50mV
--
−1.2
--
μA
PGOOD Falling (Fault)
--
88
--
PGOOD Rising (Good)
--
93
--
PGOOD Rising (Fault)
--
113
--
Power Good Threshold Voltage
PGOOD Falling (Good)
--
107
--
%VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com