Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT8079 Datasheet(PDF) 8 Page - Richtek Technology Corporation

No. de pieza RT8079
Descripción Electrónicos  2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8079 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8079 Datasheet HTML 4Page - Richtek Technology Corporation RT8079 Datasheet HTML 5Page - Richtek Technology Corporation RT8079 Datasheet HTML 6Page - Richtek Technology Corporation RT8079 Datasheet HTML 7Page - Richtek Technology Corporation RT8079 Datasheet HTML 8Page - Richtek Technology Corporation RT8079 Datasheet HTML 9Page - Richtek Technology Corporation RT8079 Datasheet HTML 10Page - Richtek Technology Corporation RT8079 Datasheet HTML 11Page - Richtek Technology Corporation RT8079 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
DS8079-01
February 2013
www.richtek.com
RT8079
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Ripple
Time (500ns/Div)
IL
(1A/Div)
VOUT
(10mV/Div)
VSW
(5V/Div)
VIN = 3.3V, VOUT = 1.8V, IOUT = 1A
Current Limit vs. Temperature
6.0
6.6
7.2
7.8
8.4
9.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 1.8V
VIN = 5V
VIN = 3.3V
UVLO vs. Temperature
2.3
2.4
2.5
2.6
2.7
2.8
2.9
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
Enable Threshold Voltage vs. Temperature
1.00
1.08
1.16
1.24
1.32
1.40
-50
-25
0
25
50
75
100
125
Temperature (°C)
Falling
Rising
Falling
Current Limit vs. Input Voltage
6.0
6.5
7.0
7.5
8.0
8.5
9.0
33.5
44.5
55.5
6
Input Voltage (V)
VOUT = 1.8V
Output Ripple
Time (500ns/Div)
IL
(2A/Div)
VOUT
(10mV/Div)
VSW
(5V/Div)
VIN = 3.3V, VOUT = 1.8V, IOUT = 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com