| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LIS2DHTR Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DHTR Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 50 page ![]() Register mapping LIS2DH 30/49 Doc ID 022516 Rev 1 6 Register mapping The table given below provides a listing of the 8 bit registers embedded in the device and the related addresses: Table 19. Register address map Name Type Register address Default Comment Hex Binary Reserved 00 - 06 Reserved STATUS_REG_AUX r 07 000 0111 Reserved r 08-0B Reserved OUT_TEMP_L r 0C 000 1100 Output OUT_TEMP_H r 0D 000 1101 Output INT_COUNTER_REG r 0E 000 1110 WHO_AM_I r 0F 000 1111 00110011 Dummy register Reserved 10 - 1E Reserved TEMP_CFG_REG rw 1F 001 1111 CTRL_REG1 rw 20 010 0000 00000111 CTRL_REG2 rw 21 010 0001 00000000 CTRL_REG3 rw 22 010 0010 00000000 CTRL_REG4 rw 23 010 0011 00000000 CTRL_REG5 rw 24 010 0100 00000000 CTRL_REG6 rw 25 010 0101 00000000 REFERENCE rw 26 010 0110 00000000 STATUS_REG2 r 27 010 0111 00000000 OUT_X_L r 28 010 1000 Output OUT_X_H r 29 010 1001 Output OUT_Y_L r 2A 010 1010 Output OUT_Y_H r 2B 010 1011 Output OUT_Z_L r 2C 010 1100 Output OUT_Z_H r 2D 010 1101 Output FIFO_CTRL_REG rw 2E 010 1110 00000000 FIFO_SRC_REG r 2F 010 1111 0010000 INT1_CFG rw 30 011 0000 00000000 INT1_SOURCE r 31 011 0001 00000000 INT1_THS rw 32 011 0010 00000000 INT1_DURATION rw 33 011 0011 00000000 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |