| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LIS2DHTR Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DHTR Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 50 page ![]() LIS2DH Package information Doc ID 022516 Rev 1 47/49 8 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Figure 12. LGA-14 2x2x1 mechanical drawing Table 83. LGA-14 2x2x1 mechanical dimensions Ref. Min. Typ. Max. A1 1 A2 0.785 A3 0.200 D1 1.850 2.000 2.150 E1 1.850 2.000 2.150 L1 0.900 L2 1.250 N1 0.350 T1 0.275 T2 0.200 P1 0.850 P2 0.850 d0.150 M0.100 K0.050 8224765_A |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |