Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F103XF Datasheet(PDF) 29 Page - STMicroelectronics

No. de pieza STM32F103XF
Descripción Electrónicos  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F103XF Datasheet HTML 25Page - STMicroelectronics STM32F103XF Datasheet HTML 26Page - STMicroelectronics STM32F103XF Datasheet HTML 27Page - STMicroelectronics STM32F103XF Datasheet HTML 28Page - STMicroelectronics STM32F103XF Datasheet HTML 29Page - STMicroelectronics STM32F103XF Datasheet HTML 30Page - STMicroelectronics STM32F103XF Datasheet HTML 31Page - STMicroelectronics STM32F103XF Datasheet HTML 32Page - STMicroelectronics STM32F103XF Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
STM32F103xF, STM32F103xG
Pinouts and pin descriptions
Doc ID 16554 Rev 3
29/120
Table 5.
STM32F103xF and STM32F103xG pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap
A3
-
1
1
PE2
I/O FT
PE2
TRACECK / FSMC_A23
A2
-
2
2
PE3
I/O FT
PE3
TRACED0 / FSMC_A19
B2
-
3
3
PE4
I/O FT
PE4
TRACED1/ FSMC_A20
B3
-
4
4
PE5
I/O FT
PE5
TRACED2/ FSMC_A21
TIM9_CH1
B4
-
5
5
PE6
I/O FT
PE6
TRACED3 / FSMC_A22
TIM9_CH2
C2
1
6
6
VBAT
SVBAT
A1
2
7
7
PC13-TAMPER-
RTC(5)
I/O
PC13(6)
TAMPER-RTC
B1
3
8
8 PC14-OSC32_IN(5) I/O
PC14(6)
OSC32_IN
C1
4
9
9
PC15-
OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
C3
-
-
10
PF0
I/O FT
PF0
FSMC_A0
C4
-
-
11
PF1
I/O FT
PF1
FSMC_A1
D4
-
-
12
PF2
I/O FT
PF2
FSMC_A2
E2
-
-
13
PF3
I/O FT
PF3
FSMC_A3
E3
-
-
14
PF4
I/O FT
PF4
FSMC_A4
E4
-
-
15
PF5
I/O FT
PF5
FSMC_A5
D2
-
10 16
VSS_5
SVSS_5
D3
-
11 17
VDD_5
SVDD_5
F3
-
-
18
PF6
I/O
PF6
ADC3_IN4 / FSMC_NIORD
TIM10_CH1
F2
-
-
19
PF7
I/O
PF7
ADC3_IN5 / FSMC_NREG
TIM11_CH1
G3
-
-
20
PF8
I/O
PF8
ADC3_IN6 / FSMC_NIOWR
TIM13_CH1
G2
-
-
21
PF9
I/O
PF9
ADC3_IN7 / FSMC_CD
TIM14_CH1
G1
-
-
22
PF10
I/O
PF10
ADC3_IN8 / FSMC_INTR
D1
5
12 23
OSC_IN
I
OSC_IN
PD0(7)
E1
6
13 24
OSC_OUT
O
OSC_OUT
PD1(7)
F1
7
14 25
NRST
I/O
NRST
H1
8
15 26
PC0
I/O
PC0
ADC123_IN10
H2
9
16 27
PC1
I/O
PC1
ADC123_IN11
H3 10 17 28
PC2
I/O
PC2
ADC123_IN12
H4 11 18 29
PC3
I/O
PC3
ADC123_IN13
J1
12 19 30
VSSA
SVSSA
K1
-
20 31
VREF-
SVREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com