| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8275VR Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8275VR Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 Freescale Semiconductor 53 Pinout LCL_D9/AD9 L26 LCL_D10/AD10 L25 LCL_D11/AD11 M29 LCL_D12/AD12 M28 LCL_D13/AD13 M27 LCL_D14/AD14 M26 LCL_D15/AD15 N29 LCL_D16/AD16 T25 LCL_D17/AD17 U27 LCL_D18/AD18 U26 LCL_D19/AD19 U25 LCL_D20/AD20 V29 LCL_D21/AD21 V28 LCL_D22/AD22 V27 LCL_D23/AD23 V26 LCL_D24/AD24 W27 LCL_D25/AD25 W26 LCL_D26/AD26 W25 LCL_D27/AD27 Y29 LCL_D28/AD28 Y28 LCL_D29/AD29 Y25 LCL_D30/AD30 AA29 LCL_D31/AD31 AA28 LCL_DP0/C0/BE0 L28 LCL_DP1/C1/BE1 N28 LCL_DP2/C2/BE2 T28 LCL_DP3/C3/BE3 W28 IRQ0/NMI_OUT T1 IRQ7/INT_OUT/APE D1 TRST1 AH3 TCK AG5 TMS AJ3 TDI AE6 Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |