Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8275VR Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

No. de pieza MPC8275VR
Descripción Electrónicos  MPC8280 PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8275VR Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8275VR Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8275VR Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
76
Freescale Semiconductor
Package Description
9.1
Package Parameters
This table provides package parameters.
NOTE: Temperature Reflow for the VR Package
In the VR package, sphere composition is lead-free (see Table 2). This
requires higher temperature reflow than what is required for other
PowerQUICC II packages. Consult “Freescale PowerQUICC II Pb-Free
Packaging Information” (MPC8250PBFREEPKG) available on
www.freescale.com.
Table 26. Package Parameters
Package
SoCs
Outline
(mm)
Type
Interconnects
Pitch
(mm)
Nominal Unmounted
Height (mm)
ZU
MPC8280
MPC8270
37.5
× 37.5
TBGA
480
1.27
1.55
VV
MPC8280
MPC8270
37.5
× 37.5
TBGA
480
1.27
1.55
VR
MPC8275VR
MPC8270VR
27
× 27
PBGA
516
1
2.25
ZQ
MPC8275ZQ
MPC8270ZQ
27
× 27
PBGA
516
1
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83