Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H12WD4875 Datasheet(PDF) 1 Page - Crydom Inc.,

No. de pieza H12WD4875
Descripción Electrónicos  panel mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYDOM [Crydom Inc.,]
Página de inicio  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H12WD4875 Datasheet(HTML) 1 Page - Crydom Inc.,

  H12WD4875 Datasheet HTML 1Page - Crydom Inc., H12WD4875 Datasheet HTML 2Page - Crydom Inc., H12WD4875 Datasheet HTML 3Page - Crydom Inc., H12WD4875 Datasheet HTML 4Page - Crydom Inc., H12WD4875 Datasheet HTML 5Page - Crydom Inc., H12WD4875 Datasheet HTML 6Page - Crydom Inc., H12WD4875 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DataSheet
Panel Mount
H12WD Series
• Ratings from 25A to 125A @ 48-660 VAC
• Low off-state leakage current (snubberless)
• SCR output for heavy industrial loads
• Zero turn-on or instantaneous turn-on outputs
• UL/CSA/VDE Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
For Generation 3 datasheet click here
• DC control
• Direct Bond Copper substrate
• EMC Compliant to Level 3
• Direct Power Lead Frame
• Epoxy Free Design
PRODUCT SELECTION
Control Voltage
25A
50A
75A
90A
125A
4-32 VDC
H12WD4825
H12WD4850
H12WD4875
H12WD4890
H12WD48125
AVAILABLE OPTIONS
Thermal Pad
Blank: Not Included
H: Included
Series
Transient Overvoltage
2WD: 1200 Vpk
Rated Load Current
25: 25 Amps
50: 50 Amps
75: 75 Amps
90: 90 Amps
125: 125 Amps
Switching Type
Blank: Zero Voltage Turn-On
-10: Instantaneous Turn-On (7)
Input Status LED
Blank: Not Included
G: Included
Termination
Blank: Screw
F: Quick Connect (5)
K: Round standoffs
Operating Voltage
48: 48-660 VAC
48
H1
25
K
P
G
H
-10
Overvoltage Protection
Blank: Not Included
P: Included (6)
2WD
Required for valid part number
For options only and not required for valid part number
OUTPUT SPECIFICATIONS (1)
125A
90A
75A
50A
25A
Description
Operating Voltage (47-440Hz) [Vrms]
48-660
48-660
48-660
48-660
48-660
Transient Overvoltage [Vpk]
1200
1200
1200
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
1.0
1.0
1.0
1.0
1.0
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
500
500
500
500
Maximum Load Current [Arms] (2)
25
50
75
90
125
Minimum Load Current [mArms]
150
150
150
150
150
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
239/250
597/625
954/1000
1145/1200
1670/1750
Maximum On-State Voltage Drop @ Rated Current [Vrms]
1.15
1.15
1.15
1.15
1.15
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.8
0.45
0.3
0.27
0.22
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A² sec]
285/259
1779/1621
4555/4150
6560/5976
13950/12709
Minimum Power Factor (at Maximum Load)
0.5
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
DC Control
Control Voltage Range
4-32 VDC
Minimum Turn-On Voltage (3)
4.0 VDC
Minimum Turn-Off Voltage
1 .0 VDC
Minimum Input Current
7 mADC
Maximum Input Current
12 mADC
Nominal Input Impedance
Current Regulated
Maximum Turn-On Time [msec] (4)
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Número de pieza similar - H12WD4875

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
H12WD4875 ETC1-H12WD4875 Datasheet
80Kb / 3P
25-125Amp 480 Vac AC Output
logo
Crydom Inc.,
H12WD4875 CRYDOM-H12WD4875 Datasheet
756Kb / 5P
Panel Mount
H12WD4875 CRYDOM-H12WD4875 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Sensata Technologies, I...
H12WD4875 SENSATA-H12WD4875 Datasheet
2Mb / 7P
PANEL MOUNT SOLID STATE RELAYS
Rev. 03/28/2025
logo
Crydom Inc.,
H12WD4875-10 CRYDOM-H12WD4875-10 Datasheet
756Kb / 5P
Panel Mount
More results

Descripción similar - H12WD4875

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com