Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H12WD4875 Datasheet(PDF) 4 Page - Crydom Inc.,

No. de pieza H12WD4875
Descripción Electrónicos  panel mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYDOM [Crydom Inc.,]
Página de inicio  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H12WD4875 Datasheet(HTML) 4 Page - Crydom Inc.,

  H12WD4875 Datasheet HTML 1Page - Crydom Inc., H12WD4875 Datasheet HTML 2Page - Crydom Inc., H12WD4875 Datasheet HTML 3Page - Crydom Inc., H12WD4875 Datasheet HTML 4Page - Crydom Inc., H12WD4875 Datasheet HTML 5Page - Crydom Inc., H12WD4875 Datasheet HTML 6Page - Crydom Inc., H12WD4875 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SURGE CURRENT INFORMATION
THERMAL DERATE INFORMATION
0
50
100
150
200
250
0.01
0.1
1
10
Surge Duration (Secs)
25 A
0
100
200
300
400
500
600
0.01
0.1
1
10
Surge Duration (Secs)
50 A
0
100
200
400
300
500
600
700
900
800
0.01
0.1
1
10
Surge Duration (Secs)
75 A
0
200
400
800
600
1000
1200
1400
1800
1600
0.01
0.1
1
10
Surge Duration (Secs)
125 A
0
150
450
300
600
750
900
1200
1050
0.01
0.1
1
10
Surge Duration (Secs)
90 A
50
40
30
20
10
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
50 A
0.7ºC/W
1ºC/W
1.5ºC/W
2ºC/W
75
60
45
30
15
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
75 A
0.5ºC/W
0.7ºC/W
1ºC/W
1.5ºC/W
25
20
15
10
5
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
25 A
1.5ºC/W
2ºC/W
3ºC/W
80
90
70
50
30
10
60
40
20
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
90 A
0.5ºC/W
0.7ºC/W
1ºC/W
1.5ºC/W
80
100
120
60
40
20
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
125 A
0.5ºC/W
0.7ºC/W
1ºC/W
Non repetitive peak surge current at Tj initial 40ºC.
DataSheet
Panel Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com