| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DEFME-101 Datasheet(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEFME-101 Datasheet(HTML) 4 Page - ITT Industries |
|
4 / 28 page ![]() D Cannon D-Subminiature Accessories 2 www.ittcannon.com Dimensionsshowninmm(inch) Specificationsanddimensionssubjecttochange Selection Guide L Supplied with backshell • Optional compatible locking hardware — Not compatible Locking Hardware Sliding Lock Female Screw Lock Male Screw Lock Retainer Slide Lock Post Spring Latch Plate Spring Latch Backshell Style see page 14 see page 13 see page 15 see page 15 see page 16 see page 16 EMI Shielded Snap-Together Metalized Plastic Straight Exit —— — — — — see page 9 EMI Shielded Snap-Together Metalized Plastic 50º Exit —— — — — — see page 9 EMI Shielded Die Cast Zinc Metal — L —— — — see page 4 Metal Metal Backshell 45º Exit —— — — — — see page 4 Metal Deep Straight Clamp •• • • • • see page 7 Metal Round Cable Clamp •• • • • • see page 7 Metal Short Straight Clamp •• • • • • see page 8 Metal 90º Entry •• • • • • see page 8 Plastic Snap-Together Universal •• — — — — see page 11 Plastic One-Piece Snap-Together — L —— — — see page 11 Plastic One-Piece Plastic Straight Exit —— • • • • see page 12 Plastic One-Piece Plastic 90º Exit —— • • • • see page 12 D sub:Layout 1 3/24/09 12:37 PM Page 2 |