Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DEFME-101 Datasheet(PDF) 11 Page - ITT Industries

No. de pieza DEFME-101
Descripción Electrónicos  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEFME-101 Datasheet(HTML) 11 Page - ITT Industries

Back Button DEFME-101 Datasheet HTML 7Page - ITT Industries DEFME-101 Datasheet HTML 8Page - ITT Industries DEFME-101 Datasheet HTML 9Page - ITT Industries DEFME-101 Datasheet HTML 10Page - ITT Industries DEFME-101 Datasheet HTML 11Page - ITT Industries DEFME-101 Datasheet HTML 12Page - ITT Industries DEFME-101 Datasheet HTML 13Page - ITT Industries DEFME-101 Datasheet HTML 14Page - ITT Industries DEFME-101 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
D Cannon D-Subminiature Accessories
9
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
CABLE
CLAMP
CABLE
GROUNDING
TANG
16,99±0,30
(.669±.012)
C
B
D
E
ØH
MAX
A
D
E
Snap-Together Metalized Plastic
Metalized plastic backshells reduce EMI/RFI emis-
sions. Metalized plastic provides a light weight solu-
tion. Includes integral strain relieving cable clamp.
dB
kHz
MHz
MHz
MHz
Product Features
• Improves conformance to FCC DOC #20780
shielding requirements
• No crimp ferrule tooling needed
• Quick and simple assembly using snap-
together design feature
• Non-metalized, non-shielded versions available
AAtttteennuuaattiioonn CCuurrvvee
Straight Exit
50º Exit
Note: Cable grounding tang not available on DE size backshell.
Specifications
Attenuation:
-49 dB @ 100MHz
Temperature Range:
-20º C to 80º C
Shell
Comptuer Cable
Ribbon Cable
ABC
D
E
øH
Size Layout
Shielded
Non-Shielded Gray Non-Shielded Black
Shielded
Non-Shielded Gray ±0,15 (.006) ±0,30 (.012) ±0,30 (.012) ±0,30 (.120) ±0,20 (.008)
Max.
DE
9 DE121073-154 DE121073-159
DE121073-259
DE121073-164
DE121073-169
24,95 (.982) 30,81 (1.213) 23,70 (.933) 16,00 (.630) 35,99 (1.417) 7,32 (.288A
DA
15 DA121073-150 DA121073-155
DA121073-255
DA121073-160 DA121073-165
33,30 (1.311) 39,09 (1.539) 31,80 (1.252) 16,00 (.630) 42,00 (1.654) 8,31 (.327)
DB
25 DB121073-151 DB121073-156
DB121073-256
DB121073-161 DB121073-166
47,00 (1.850) 53,01 (2.087) 45,01 (1.772) 16,00 (.630) 42,00 (1.654) 10,52 (.414)
DC
37 DC121073-152 DC121073-157
DC121073-257
DC121073-162 DC121073-167
63,45 (2.498) 69,29 (2.728) 60,30 (2.374) 16,00 (.630) 42,00 (1.654) 12,32 (.485)
DD
50 DD121073-153 DD121073-158
DD121073-258
--
61,10 (2.410) 66,90 (2.634) 58,30 (2.295) 19,00 (.748) 42,00 (1.654) 13,00 (.512)
Shell
Shielded
Non-Shielded
BC
D
E
Cable Diameter
Size Layout
Part #
Part # Gray
±0,30 (.012) ±0,30 (.012)
±0,30 (.012) ±0,20 (.008)
Min.
Max.
DE
9
DE121073-54 DE121073-59 35,99 (1.417) 22,00 (8.66)
16,00 (.630) 35,99 (1.417)
3,51 (.138) 7,49 (.295)
DA
15
DA121073-50 DA121073-55 44,29 (1.744) 27,31 (1.075) 16,00 (.630) 42,01 (1.654)
6,50 (.256) 8,99 (.354)
DB
25
DB121073-51 DB121073-56 57,99 (2.283) 41,00 (1.614) 16,00 (.630) 42,01 (1.654)
6,50 (.256) 11,00 (.433)
DC
37
DC121073-52 DC121073-57 74,50 (2.933) 57,51 (2.264) 16,00 (.630) 42,01 (1.654)
6,50 (.256) 11,00 (.433)
DD
50
DD121073-53 DD121073-58 72,97 (2.873) 54.99 (2.165) 19,00 (.748) 42,01 (1.654)
8,99 (.354) 13,00 (.512)
Materials and Finishes
Material:
Thermoplastic, UL 94V-0 rated
Finish:
Nickel over Copper
• Kit consists of 1 front
shell, 1 rear shell, 1 cable
clamp, 2 screws
• Optional locking hardware
sold separately, see page 10
• Kit consists of 1 front shell,
1 rear shell, 1 cable clamp,
2 screws
• Optional locking hardware sold
separately, see page 5
Plastic Backshell
D sub:Layout 1
3/26/09
7:52 AM
Page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com