Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD7477AWARMZ Datasheet(PDF) 16 Page - Analog Devices

No. de pieza AD7477AWARMZ
Descripción Electrónicos  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7477AWARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7477AWARMZ Datasheet HTML 12Page - Analog Devices AD7477AWARMZ Datasheet HTML 13Page - Analog Devices AD7477AWARMZ Datasheet HTML 14Page - Analog Devices AD7477AWARMZ Datasheet HTML 15Page - Analog Devices AD7477AWARMZ Datasheet HTML 16Page - Analog Devices AD7477AWARMZ Datasheet HTML 17Page - Analog Devices AD7477AWARMZ Datasheet HTML 18Page - Analog Devices AD7477AWARMZ Datasheet HTML 19Page - Analog Devices AD7477AWARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 16 of 28
TYPICAL CONNECTION DIAGRAM
Figure 18 shows a typical connection diagram for the AD7476A/
AD7477A/AD7478A. VREF is taken internally from VDD and, as
such, VDD should be well decoupled. This provides an analog
input range of 0 V to VDD. The conversion result is output in a
16-bit word with four leading zeros followed by the MSB of the
12-bit, 10-bit, or 8-bit result. The 10-bit result from the AD7477A
is followed by two trailing zeros, and the 8-bit result from the
AD7478A is followed by four trailing zeros. Alternatively, because
the supply current required by the AD7476A/AD7477A/AD7478A
is so low, a precision reference can be used as the supply source
to the AD7476A/AD7477A/AD7478A. A REF19x voltage refer-
ence (REF195 for 5 V or REF193 for 3 V) can be used to supply
the required voltage to the ADC (see Figure 18). This configuration
is especially useful if the power supply is quite noisy, or if the
system supply voltages are at some value other than 5 V or 3 V
(for example, 15 V).
The REF19x outputs a steady voltage to the AD7476A/
AD7477A/AD7478A. If the low dropout REF193 is used, the
current it needs to supply to the AD7476A/AD7477A/ AD7478A is
typically 1.2 mA. When the ADC is converting at a rate of 1
MSPS, the REF193 needs to supply a maximum of 1.7 mA to the
AD7476A/AD7477A/AD7478A. The load regulation of the
REF193 is typically 10 ppm/mA (VS = 5 V), resulting in an error
of 17 ppm (51 µV) for the 1.7 mA drawn from it. This corresponds
to a 0.069 LSB error for the AD7476A with VDD = 3 V from the
REF193, a 0.017 LSB error for the AD7477A, and a 0.0043 LSB
error for the AD7478A.
For applications where power consumption is a concern, use the
power-down mode of the ADC and the sleep mode of the
REF19x reference to improve power performance. See the
Modes of Operation section.
AD7476A/
AD7477A/
AD7478A
SCLK
SDATA
CS
VIN
GND
0V TO VDD
INPUT
VDD
µC/µP
SERIAL
INTERFACE
0.1
µF
1
µF
TANT
REF193
1.2mA
680nF
10
µF
0.1
µF
3V
5V
SUPPLY
Figure 18. REF193 as Power Supply to AD7476A/
AD7477A/AD7478A
Table 7 provides typical performance data with various
references used as a VDD source for a 100 kHz input tone at
room temperature under the same setup conditions.
Table 7. AD7476A Typical Performance for Various Voltage
References
Reference Tied to VDD
AD7476A SNR Performance (dB)
AD780 @ 3 V
72.65
REF193
72.35
AD780 @ 2.5 V
72.5
REF192
72.2
REF43
72.6
ANALOG INPUT
Figure 19 shows an equivalent circuit of the analog input
structure of the AD7476A/AD7477A/AD7478A. The two
diodes, D1 and D2, provide ESD protection for the analog
input. Care must be taken to ensure that the analog input signal
never exceeds the supply rails by more than 300 mV. This
causes the diodes to become forward-biased and start
conducting current into the substrate. The maximum current
these diodes can conduct without causing irreversible damage
to the part is 10 mA. The Capacitor C1 in Figure 19 is typically
about 6 pF and can primarily be attributed to pin capacitance.
The Resistor R1 is a lumped component made up of the on
resistance of a switch. This resistor is typically about 100 Ω. The
Capacitor C2 is the ADC sampling capacitor and has a
capacitance of 20 pF typically.
For ac applications, removing high frequency components from
the analog input signal is recommended by use of a band-pass
filter on the relevant analog input pin. In applications where
harmonic distortion and signal-to-noise ratio are critical, drive
the analog input from a low impedance source. Large source
impedances significantly affect the ac performance of the ADC,
necessitating the use of an input buffer amplifier. The choice of
the op amp is a function of the particular application.
D1
D2
R1
C2
20pF
VDD
VIN
C1
6pF
CONVERSION PHASE – SWITCH OPEN
TRACK PHASE – SWITCH CLOSED
Figure 19. Equivalent Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com