Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD7477AWARMZ Datasheet(PDF) 27 Page - Analog Devices

No. de pieza AD7477AWARMZ
Descripción Electrónicos  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7477AWARMZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7477AWARMZ Datasheet HTML 20Page - Analog Devices AD7477AWARMZ Datasheet HTML 21Page - Analog Devices AD7477AWARMZ Datasheet HTML 22Page - Analog Devices AD7477AWARMZ Datasheet HTML 23Page - Analog Devices AD7477AWARMZ Datasheet HTML 24Page - Analog Devices AD7477AWARMZ Datasheet HTML 25Page - Analog Devices AD7477AWARMZ Datasheet HTML 26Page - Analog Devices AD7477AWARMZ Datasheet HTML 27Page - Analog Devices AD7477AWARMZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 27 of 28
Model1, 2, 3, 4
Temperature Range
Linearity Error (LSB)5
Package Description
Package Option6
Branding
AD7478AARMZ-REEL
–40°C to +85°C
±0.3 maximum
8-Lead MSOP
RM-8
C48
AD7478AARMZ-REEL7
–40°C to +85°C
±0.3 maximum
8-Lead MSOP
RM-8
C48
AD7478AWARMZ
–40°C to +85°C
±0.3 maximum
8-Lead MSOP
RM-8
C48
AD7478AWARMZ-RL
–40°C to +85°C
±0.3 maximum
8-Lead MSOP
RM-8
C48
EVAL-AD7476ACBZ
Evaluation Board
EVAL-CONTROL BRD2
Evaluation Control
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
3
EVAL-AD7476ACBZ can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
4
EVAL-CONTROL BRD2 is a complete unit, allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator. To order a
complete evaluation kit, you will need to order the particular ADC evaluation board, for example, EVAL-AD7476ACB, the EVAL-CONTROLBRD2, and a 12 V ac
transformer. See relevant evaluation board application note for more information.
5
Linearity error here refers to integral nonlinearity.
6
KS = SC70; RM = MSOP.
AUTOMOTIVE PRODUCTS
The AD7476AWYRMZ, AD7476AWYRMZ-RL7, AD7477AWARMZ, AD7477AWARMZ-RL, AD7478AWARMZ, and
AD7478AWARMZ-RL models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com